Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW064 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M58LW064
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M58LW064 Datasheet HTML 14Page - STMicroelectronics M58LW064 Datasheet HTML 15Page - STMicroelectronics M58LW064 Datasheet HTML 16Page - STMicroelectronics M58LW064 Datasheet HTML 17Page - STMicroelectronics M58LW064 Datasheet HTML 18Page - STMicroelectronics M58LW064 Datasheet HTML 19Page - STMicroelectronics M58LW064 Datasheet HTML 20Page - STMicroelectronics M58LW064 Datasheet HTML 21Page - STMicroelectronics M58LW064 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
M58LW064A, M58LW064B
18/53
Read Electronic Signature Instruction (RSIG).
An Electronic Signature can be read from the
memory allowing programming equipment or ap-
plications to automatically match their interface to
the characteristics of the device.
The Electronic Signature instruction consists of a
first write cycle giving the command 90h, followed
by a subsequent read which will output the Manu-
facturer Code, the Device Code or the Block Pro-
tection Status. The Manufacturer Code is output
when all the address inputs are at VIL. The Device
Code is output when A1 (for the M58LW064A) or
A2 (for the M58LW064B) is at VIH, with all other
address inputs at VIL. The code is output on DQ0-
DQ7 with DQ8-DQ31 at VIL.
The RSIG Instruction also allows access to the
Block Protection Status for the selected block ad-
dress defined by A17-A22. After the Read Elec-
tronic Signature (RSIG) command, A1-A2 (for the
M58LW064A) or A2-A3 (for the M58LW064B) are
set to VIH, while A17-A22 define the address of the
block to be queried. A read operation outputs 01h
if the block is protected and 00h if the block is not
protected.
Read Query Instruction (RCFI). The Read Que-
ry Instruction is initiated with one write cycle giving
the command 98h at any address. Subsequent
read operations, depending on the address speci-
fied, will output the Block Status information, the
Common Flash Interface ID string, the System In-
terface information, the Device Geometry Config-
uration or STMicroelectronics Specific Query
information. The address mapping for the informa-
tion is shown in Table 14.
Read Status Register Instruction (RSR). The
Read Status Register Instruction consists of one
write cycle giving the command 70h. Subsequent
read operations, independent of the address, out-
put the Status Register information that indicates if
a Block Erase, Write to Buffer and Program, Block
Protect or Block Unprotect operation has been
completed successfully. See Table 12. Once initi-
ated the RSR Instruction is active until another
command is given to the Command Interface.
For Asynchronous Read, the Status Register in-
formation is present on the output data bus when
both Chip Enable E and Output Enable G are Low.
In Synchronous Burst Read the Status Register in-
formation is output on the data bus DQ1-DQ7
when Latch Enable L goes High or on a valid Burst
Clock K edge (M6 in the Burst Configuration Reg-
ister specifies the rising or falling valid clock edge)
when Latch Enable L is low. An interactive update
of the status register information is possible by
toggling Output Enable G, or when the device is
INSTRUCTIONS AND COMMANDS
The Command Interface latches commands writ-
ten to the memory. Instructions are made up of
one or more commands to perform:
– Read Array (RD),
– Read Electronic Signature or Read Block Pro-
tection (RSIG),
– Read Status Register (RSR),
– Read Query (RCFI),
– Clear Status Register (CLRS),
– Block Erase (EE),
– Write to Buffer and Program (WBPR),
– Erase/Program Suspend (PES),
– Erase/Program Resume (PER),
– Set Burst Configuration Register (SBCR),
– Block Protect (BP), and
– Block Unprotect (BU).
Instructions (see Table 12) are composed of a first
write sequence followed by either a second write
sequence needed to confirm an Erase or Program
instruction or by a read operation in order to read
data from the array, the Electronic Signature, the
Block Protection information, the CFI or the Status
Register information. The instructions for Write to
Buffer and Program and Block Erase operations
consist of two commands written into the memory
Command Interface (C.I.) that start the automatic
P/E.C. operation. Erasure of a memory block may
be suspended, in order to read data from or to pro-
gram data in an other block, and then be resumed.
Write to Buffer and Program operation may be
suspended, in order to read data from another
block, and then be resumed.
At power-up the Command Interface is reset to
Read Array. The appropriate Instruction must be
given to access Read Query (RCFI), Read Elec-
tronic Signature or Block Protection Status (RSIG)
or Read Status Register (RSR). Reading of the
memory array is disabled during a Block Protect/
Unprotect (BP, BU), a Block Erase (EE) or a Write
to Buffer and Program (WBPR) Instruction. A
Erase/Program Suspend Instruction (PES) must
be given to read under these conditions.
Read Array Instruction (RD). The Read Array
Instruction consists of one write cycle giving the
command FFh. Subsequent read operations will
read the array content addressed and output the
corresponding data. The Read Array Instruction
remains active until another one is written into the
Command Interface. At Power-up or at the exit of
the Reset/Power-down mode, the device is by de-
fault initialised to Read Array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com