Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7541
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7541 Datasheet HTML 16Page - STMicroelectronics TDA7541 Datasheet HTML 17Page - STMicroelectronics TDA7541 Datasheet HTML 18Page - STMicroelectronics TDA7541 Datasheet HTML 19Page - STMicroelectronics TDA7541 Datasheet HTML 20Page - STMicroelectronics TDA7541 Datasheet HTML 21Page - STMicroelectronics TDA7541 Datasheet HTML 22Page - STMicroelectronics TDA7541 Datasheet HTML 23Page - STMicroelectronics TDA7541 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
Electrical specifications and characteristics
TDA7541
20/76
Table 8.
Stereo decoder section
(Tamb=25°C, VCC1=VCC2=VCCMIX1=VCCVCO=VCCIF=8.5V, fXtal = 10.25 MHz,
VMPX=500mVrms mono, f=1kHz, deemphasis τ=50µs, in application circuit, unless otherwise
specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
27. Stereo decoder
27.1
Vin
MPX input level
0.5
0.93
Vrms
27.2
WBON = 1
0.05
0.06
27.3
Rin
Input resistance
80
100
120
k
Ω
27.4
GSTD
Stereo decoder gain
2
2.5
3
dB
27.5
GSTDWB Stereo decoder gain
Weather band mode
23
26
27
dB
27.6
SVRR
Supply voltage ripple
rejection
Vripple = 100mV, f = 1kHz
60
dB
27.7
A
channel separation
VMPX = 500 mVrms stereo, only
L/R, ROC adjusted
35
40
dB
27.8
THD
Total harmonic distortion
0.02
0.3
%
27.9
(S+N)/N
Signal plus noise to noise
ratio
A-weighted, 19 kHz notch
85
dB
28. Mono/stereo switch
28.1
VPTHST1 Pilot threshold voltage
for Stereo, PTH = 1
5
8
12
mVrms
28.2
VPTHST0 Pilot threshold voltage
for Stereo, PTH = 0
7
11
16
mVrms
28.3
VPTHMO1 Pilot threshold voltage
for Mono, PTH = 1
3.5
6
10
mVrms
28.4
VPTHMO0 Pilot threshold voltage
for Mono, PTH = 0
6
9
14
mVrms
29. 19kHz PLL
29.1
flock
Capture range
Pilot magnitude 20 mVrms = 4%
18.9
19.1
kHz
29.2
DP
Pilot deviation range
fpilot = 19kHz
4
30
%
30. Deemphasis and highcut
30.1
tHC50
Deemphasis time
constant
DEEMP=0, High Cut OFF
45
50
55
μs
30.2
tHC75
Deemphasis time
constant
DEEMP = 1, High Cut OFF
67
75
83
μs
30.3
tHC50
Highcut time constant
DEEMP = 0, High Cut ON,
V28=0.1V
135
150
165
μs
30.4
tHC75
Highcut time constant
DEEMP= 1, High Cut ON,
V28=0.1V
200
225
250
μs
30.5
AAmmin
Min. Attenuation in AM
Voutmax/Vout@ f = 3.5kHz,
DEEMP = 0, AMCF “111”
4.5
6.5
8.5
dB
30.6
AAmmax
Max. Attenuation in AM
Voutmax/Vout@ f = 3.5kHz,
DEEMP= 0, AMCF “000”
11
14
17
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com