Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541 Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7541
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7541 Datasheet HTML 32Page - STMicroelectronics TDA7541 Datasheet HTML 33Page - STMicroelectronics TDA7541 Datasheet HTML 34Page - STMicroelectronics TDA7541 Datasheet HTML 35Page - STMicroelectronics TDA7541 Datasheet HTML 36Page - STMicroelectronics TDA7541 Datasheet HTML 37Page - STMicroelectronics TDA7541 Datasheet HTML 38Page - STMicroelectronics TDA7541 Datasheet HTML 39Page - STMicroelectronics TDA7541 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 76 page
background image
Functional description
TDA7541
36/76
Figure 6.
Stereo blend controlled threshold adjust
Automatic deviation controlled threshold adjustment
If the system is tuned to stations with a high deviation the noise blanker can trigger on the
higher frequencies of the modulation. To avoid this wrong behavior, which causes noise in
the output signal, the noise blanker offers a deviation-dependent threshold adjustment. By
rectifying the MPX signal a further signal representing the actual deviation is obtained. It is
used to increase the PEAK voltage. The gain of this circuit is programmable in 3 steps
(NBDC) of the stereo decoder-byte (the first step turns off the detector).
Figure 7.
Deviation controlled threshold adjust
Multipath influence on noise blanker
To react on high repetitive spikes caused by a Multipath-situation, the discharge-time of the
VPEAK voltage can be decreased depending on the voltage-level at Pin MPTC. There are
two ways to do this.
a)
Switch on the linear influence of the Multipath-Level on the PEAK-signal . In this
case the discharge slew rate is 1V/ms. The slew rate is measured with
RDischarge=infinite and VMPTC=2.5V
b)
Activate a function, which switches to the 18k discharge resistor if the Multipath-
Level is below 2.5V. If multipath influence on noise blanker is switched ON than
MPF bit has to be set to 0.
0.8V
noisy signal
good signal
NOIS E
2.0V (00)
MONO
STEREO
1.6V (01)
1.4V (10)
ATC_SB OFF (11)
E'
VPEAK
≈ 3V
0.8
DEVIATION [KHz]
2.0
1.5
1.0
20
32.5
45
75
VPEAK
00
01
10
Detector off
11
[V
]
OP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com