Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7541
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7541 Datasheet HTML 31Page - STMicroelectronics TDA7541 Datasheet HTML 32Page - STMicroelectronics TDA7541 Datasheet HTML 33Page - STMicroelectronics TDA7541 Datasheet HTML 34Page - STMicroelectronics TDA7541 Datasheet HTML 35Page - STMicroelectronics TDA7541 Datasheet HTML 36Page - STMicroelectronics TDA7541 Datasheet HTML 37Page - STMicroelectronics TDA7541 Datasheet HTML 38Page - STMicroelectronics TDA7541 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
TDA7541
Functional description
35/76
frequency of 140 kHz. The rectified signal, VRECT, is low pass filtered to generate a signal
called VPEAK. Noise with a frequency above 140 kHz increases the VPEAK voltage. The
resulting voltage can be adjusted by use of the noise rectifier discharge current. The VPEAK
voltage is fed to a threshold generator, which adds to the VPEAK voltage a DC threshold
VTH. Both signals, VRECT and VPEAK+VTH are fed to a comparator, which triggers a re-
triggerable monoflop. The output of the monoflop activates the sample-and-hold circuit in
the signal path for the selected duration.
Automatic noise controlled threshold adjustment
There are mainly two independent possibilities for programming the trigger threshold:
1.
Low threshold in 8 steps (NBLT)
2.
Noise adjusted threshold in 4 steps (NBCT).
The low threshold is active in combination with a good MPX signal without any noise; the
VPEAK voltage is less than 1V. The sensitivity in this operation is high.
If the MPX signal is noisy (low field strength) the VPEAK voltage increases due to the higher
noise, which is also rectified. With increasing of the VPEAK voltage the trigger threshold
increases, too. This particular gain is programmable in 4 steps (NBCT).
Figure 5.
Adaptive threshold control of noise blanker
Automatic stereo blend controlled threshold adjustment
Besides the noise controlled threshold adjustment there is an additional possibility for
influencing the noise blanker trigger threshold using the bits NBFC. This influence depends
on the stereo blend control. The point where the MPX signal starts to become noisy is fixed
by the RF part. This point is also the starting point of the normal noise-controlled trigger
adjustment. But in some cases the noise blanker can create a wrong triggering, which
create distortion, already in the region of mono/stereo transition. Therefore an opportunity to
control the VPEAK voltage by the stereo blend function it is implemented.
VTH
Min. Trig. Threshold
Noise Controlled Trig. Threshold
0.8 V
1200 mV (00)
950 mV (01)
700 mV (10)
450 mV (11)
8 STEPS
200 mV
147 mV
V
Peak
1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com