Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7541
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7541 Datasheet HTML 18Page - STMicroelectronics TDA7541 Datasheet HTML 19Page - STMicroelectronics TDA7541 Datasheet HTML 20Page - STMicroelectronics TDA7541 Datasheet HTML 21Page - STMicroelectronics TDA7541 Datasheet HTML 22Page - STMicroelectronics TDA7541 Datasheet HTML 23Page - STMicroelectronics TDA7541 Datasheet HTML 24Page - STMicroelectronics TDA7541 Datasheet HTML 25Page - STMicroelectronics TDA7541 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
Electrical specifications and characteristics
TDA7541
22/76
37.2
VTRMAX
Max. trigger threshold (5)
VPEAK=0.8V, NBLT “000”
280
mVOP
37.3
VTRNOISE
Min. noise controlled
trigger threshold
VPEAK=1.5V, NBCT “11”
450
mVOP
37.4
VTRNOISE
Max. noise controlled
trigger threshold
VPEAK=1.5V, NBCT “00”
1200
mVOP
37.5
VPEAK
Peak voltage
NBRR “00”, VMPX=0mV
0.8
V
37.6
VPEAK
Peak voltage
NBRR “00”, VMPX=50mV,
f=150kHz
1.9
V
37.7
VPEAK
Peak voltage
NBRR “00”, VMPX=200mV,
f=150kHz
3.5
V
37.8
VPEAKDEV
Min. deviation dependent
peak voltage
VMPX=500mV, NBDC = 11 (“OFF”)
0.8
V
37.9
VPEAKDEV
Max. deviation dependent
peak voltage
VMPX=500mV, NBDC= 00
2.0
V
37.10
VPEAKFS
Min. fieldstrength
controlled
peak voltage
VMPX=0mV, VLEVEL<< VSBL
(fully mono), NBFC = 11 (“OFF”)
0.8
V
37.11
VPEAKFS
Max. fieldstrength
controlled
peak voltage
VMPX=0mV, VLEVEL<< VSBL
(fully mono), NBFC = 00
2.0
V
37.12
TS
Min. blanking time
Signal HOLDN in testmode,
NBT = 00
38
μs
37.13
TS
Max. blanking time
Signal HOLDN in testmode,
NBT = 11
22
μs
37.14
SRPEAK
Noise rectifier charge
Signal PEAK in testmode,
NBPC=0
5
mV/
μs
37.15
SRPEAK
Noise rectifier charge
Signal PEAK in testmode,
NBPC=1
12
mV/
μs
37.16 VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=00
0.3
V/ms
37.17 VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=01
1.8
V/ms
37.18 VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=10
2.8
V/ms
37.19 VRECTADJ
Noise rectifier discharge
adjustment
Signal PEAK in testmode,
NBRR=11
4V/ms
37.20
VADJMP
Noise rectifier adjustment
by multipath
Signal PEAK in testmode,
VMPTC=1V, NBSMP=0, NBMP=1,
NBRR=01
3V/ms
Table 8.
Stereo decoder section (continued)
(Tamb=25°C, VCC1=VCC2=VCCMIX1=VCCVCO=VCCIF=8.5V, fXtal = 10.25 MHz,
VMPX=500mVrms mono, f=1kHz, deemphasis τ=50µs, in application circuit, unless otherwise
specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com