Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541 Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA7541
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA7541 Datasheet HTML 44Page - STMicroelectronics TDA7541 Datasheet HTML 45Page - STMicroelectronics TDA7541 Datasheet HTML 46Page - STMicroelectronics TDA7541 Datasheet HTML 47Page - STMicroelectronics TDA7541 Datasheet HTML 48Page - STMicroelectronics TDA7541 Datasheet HTML 49Page - STMicroelectronics TDA7541 Datasheet HTML 50Page - STMicroelectronics TDA7541 Datasheet HTML 51Page - STMicroelectronics TDA7541 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
Software specification
TDA7541
48/76
Note:
Swallow mode: fVCO/fSYN = LSB + MSB + 32
Table 17.
Addr 1 TPLL Counter 1 (LSB)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
PC<7:0>
0
0
0
0000
0
LSB = 0
0
0
0
0000
1
LSB = 1
0
0
0
0001
0
LSB = 2
-
---
---
-
-
1
1
1
1110
0
LSB = 252
1
1
1
1110
1
LSB = 253
1
1
1
1111
0
LSB = 254
1
1
1
1111
1
LSB = 255
Table 18.
Addr 2 TPLL Counter 2 (MSB)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
PC<15:8>
0
0
0000
0
0
MSB = 0
0
0
0000
0
1
MSB = 256
0
0
0000
1
0
MSB = 512
-
-
-
----
-
-
1
1
1111
0
0
MSB = 64768
1
1
1111
0
1
MSB = 65024
1
1
1111
1
0
MSB = 65280
1
1
1111
1
1
MSB = 65536
Table 19.
Addr 3 TV(00h)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
TVO<7:0>
0
0
0
0
0
0
0
Tuning Voltage Offset = 0mV
000
000
1
TVO = 25mV
000
001
0
TVO = 50mV
-
------
-
-
111
111
0
TVO = 3150mV
111
111
1
TVO = 3175mV
0-TVO
1+TVO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com