Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1111 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS1111
Description  Low–Dropout LED Drivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1111 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS1111 Datasheet HTML 2Page - ams-OSRAM AG AS1111 Datasheet HTML 3Page - ams-OSRAM AG AS1111 Datasheet HTML 4Page - ams-OSRAM AG AS1111 Datasheet HTML 5Page - ams-OSRAM AG AS1111 Datasheet HTML 6Page - ams-OSRAM AG AS1111 Datasheet HTML 7Page - ams-OSRAM AG AS1111 Datasheet HTML 8Page - ams-OSRAM AG AS1111 Datasheet HTML 9Page - ams-OSRAM AG AS1111 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ams Datasheet
Page 5
[v1-06] 2015-Apr-07
Document Feedback
AS1111 − Absolute Maximum Ratings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Note(s) and/or Footnote(s):
1. Junction-to-ambient thermal resistance is very dependent on application and board-layout. In situations where high maximum
power dissipation exists, special attention must be paid to thermal dissipation during board design.
2. The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow
Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.”
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
Supply Voltage to
Ground
5V pins
-0.3
5.0
V
Applicable for pins:
I1, I2, I3, I4, I1/I2, I3/I4, CTRL, EN
Input Current
(latch-up immunity)
-100
100
mA
Norm: JEDEC JESD78
Electrostatic Discharge
ESDHBM
Electrostatic Discharge
HBM
±2
kV
Norm: JEDEC JESD22-A114F
Temperature Ranges and Storage Conditions
TA
Operating Temperature
-40
85
°C
RTHJA
(1)
Junction to Ambient
Thermal Resistance
60
°C/W
MLPD
95
°C/W
WL-CSP
TJ
Junction Temperature
125
°C
WL-CSP
TSTRG
Storage Temperature
Range
-55
125
°C
TBODY
Package Body
Temperature
260
°C
Norm: IPC/JEDEC J-STD-020 (2)
RHNC
Relative Humidity
non-condensing
585
%
MSL
Moisture Sensitivity
Level (WL-CSP & MLPD)
1
Represents an unlimited floor life
time
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com