Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1111 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS1111
Description  Low–Dropout LED Drivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1111 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS1111 Datasheet HTML 11Page - ams-OSRAM AG AS1111 Datasheet HTML 12Page - ams-OSRAM AG AS1111 Datasheet HTML 13Page - ams-OSRAM AG AS1111 Datasheet HTML 14Page - ams-OSRAM AG AS1111 Datasheet HTML 15Page - ams-OSRAM AG AS1111 Datasheet HTML 16Page - ams-OSRAM AG AS1111 Datasheet HTML 17Page - ams-OSRAM AG AS1111 Datasheet HTML 18Page - ams-OSRAM AG AS1111 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-06] 2015-Apr-07
AS1111 − Pack age Drawings & Mark ings
Figure 18:
MLPD-8 2x2mm 0.5mm Pitch Package Drawing
Note(s) and/or Footnote(s):
1. Dimensioning and Tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Coplanarity applies to the exposed heat slug as well as the terminal.
4. Radius on terminal is optional.
5. N is the total number of terminals.
Package Drawings & Markings
Ref
Min
Nom
Max
A
0.51
0.55
0.60
A1
0.00
0.02
0.05
A3
0.15 REF
L
0.225
0.325
0.425
b
0.18
0.25
0.30
D2.00 BSC
E2.00 BSC
e0.50 BSC
D2
1.45
1.60
1.70
E2
0.75
0.90
1.00
aaa
-
0.15
-
bbb
-
0.10
-
ccc
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N8
Green
RoHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com