Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1111 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS1111
Description  Low–Dropout LED Drivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1111 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS1111 Datasheet HTML 4Page - ams-OSRAM AG AS1111 Datasheet HTML 5Page - ams-OSRAM AG AS1111 Datasheet HTML 6Page - ams-OSRAM AG AS1111 Datasheet HTML 7Page - ams-OSRAM AG AS1111 Datasheet HTML 8Page - ams-OSRAM AG AS1111 Datasheet HTML 9Page - ams-OSRAM AG AS1111 Datasheet HTML 10Page - ams-OSRAM AG AS1111 Datasheet HTML 11Page - ams-OSRAM AG AS1111 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ams Datasheet
Page 7
[v1-06] 2015-Apr-07
Document Feedback
AS1111 − Electrical Characteristics
Figure 7:
Output Current Multiplication Ratio
Output Current Multiplication Ratio: Shows the OCMR of the LED Driver for setting of ISET and different
Cathode Voltages VSAT. TAMB = –40 to 85°C (unless otherwise specified)
AS1111A
ISET = 25μA, VSAT = 150mV, VEN = 3V
350
500
650
ISET = 40μA, VSAT = 150mV, VEN = 3V
335
480
625
ISET = 75μA, VSAT = 150mV, VEN = 3V
295
420
545
ISET = 25μA, VSAT = 600mV, VEN = 3V
435
620
805
ISET = 40μA, VSAT = 600mV, VEN = 3V
425
610
795
ISET = 75μA, VSAT = 600mV, VEN = 3V
415
590
765
ISET = 25μA, VSAT = 1V, VEN = 3V
470
670
870
ISET = 40μA, VSAT = 1V, VEN = 3V
460
660
860
ISET = 75μA, VSAT = 1V, VEN = 3V
440
630
820
AS1111B
AS1111C
ISET = 25μA, VSAT = 150mV, VEN = 3V
175
250
325
ISET = 40μA, VSAT = 150mV, VEN = 3V
170
240
310
ISET = 75μA, VSAT = 150mV, VEN = 3V
145
210
275
ISET = 25μA, VSAT = 600mV, VEN = 3V
220
310
405
ISET = 40μA, VSAT = 600mV, VEN = 3V
215
305
395
ISET = 75μA, VSAT = 600mV, VEN = 3V
205
295
385
ISET = 25μA, VSAT = 1V, VEN = 3V
235
335
435
ISET = 40μA, VSAT = 1V, VEN = 3V
230
330
430
ISET = 75μA, VSAT = 1V, VEN = 3V
220
315
410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com