Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1111 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # AS1111
Description  Low–Dropout LED Drivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1111 Datasheet(HTML) 2 Page - ams-OSRAM AG

  AS1111 Datasheet HTML 1Page - ams-OSRAM AG AS1111 Datasheet HTML 2Page - ams-OSRAM AG AS1111 Datasheet HTML 3Page - ams-OSRAM AG AS1111 Datasheet HTML 4Page - ams-OSRAM AG AS1111 Datasheet HTML 5Page - ams-OSRAM AG AS1111 Datasheet HTML 6Page - ams-OSRAM AG AS1111 Datasheet HTML 7Page - ams-OSRAM AG AS1111 Datasheet HTML 8Page - ams-OSRAM AG AS1111 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ams Datasheet
Page 1
[v1-06] 2015-Apr-07
Document Feedback
AS1111
Low–Dropout LED Drivers
The AS1111A/AS1111B/AS1111C are LED drivers designed to
match current source bias for any color LED, including white
and blue. The devices can drive up to 4 high-current LEDs, and
the LED current is programmable using an external resistor
(RSET).
The AS1111A LED currents are 460 x ISET (per LED, typ) at an LED
cathode voltage (VSAT) of 150mV and 650 x ISET (typ) at a VSAT
of 1V, where ISET is the current through RSET connected to pin
CTRL.
The AS1111B & AS1111C LED currents are
230 x ISET (per LED, typ) at a VSAT of 150mV and 325 x ISET (typ)
at a VSAT of 1V.
All AS1111 versions incorporate a chip-enable feature via pin
EN. When the devices are disabled, the supply current drops
down to less than 1
μA. The AS1111A and AS1111B are available
in a 6-pin WL-CSP package with 0.4mm pitch. The AS1111C is
available in an 8-pin MLPD (2x2mm) package with 0.5mm pitch.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of AS1111, Low–Dropout LED Drivers
are listed below:
Figure 1:
Added Value of Using AS1111
Benefits
Features
High efficient
• Ultra Low Voltage Drop: less than 150mV
Supports a variety of end applications
• Analog and PWM Brightness Control
• Up to 80mA per LED (AS1111A)
• Up to 40mA per LED (AS1111B, AS1111C)
Extended battery life
• Active-Low Shutdown Mode
• Low Shutdown Current: less than 1
μA
Suitable for EMF sensitive environment
• No electromagnetic interference
• No switching noise
Small PCB area
• Less external components needed
Cost effective, small package
• 6-pin WL-CSP with 0.4mm pitch
• 8-pin MLPD (2x2mm) with 0.5mm pitch
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com