Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1111 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS1111
Description  Low–Dropout LED Drivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1111 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS1111 Datasheet HTML 3Page - ams-OSRAM AG AS1111 Datasheet HTML 4Page - ams-OSRAM AG AS1111 Datasheet HTML 5Page - ams-OSRAM AG AS1111 Datasheet HTML 6Page - ams-OSRAM AG AS1111 Datasheet HTML 7Page - ams-OSRAM AG AS1111 Datasheet HTML 8Page - ams-OSRAM AG AS1111 Datasheet HTML 9Page - ams-OSRAM AG AS1111 Datasheet HTML 10Page - ams-OSRAM AG AS1111 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-06] 2015-Apr-07
AS1111 − Electrical Characteristics
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure 6:
Electrical Characteristics
Electrical Characteristics: Shows the Electrical Characteristics of the LED Driver. TAMB = –40 to 85°C (unless
otherwise specified)
Note(s) and/or Footnote(s):
1. Efficiency = (VIN – VSAT)/VIN. Guaranteed by design.
Symbol
Parameter
Note
Min
Typ
Max
Unit
VSAT
Cathode Voltage
at pins I1, I2, I3, I4, I1/I2,
I3/I4
0.15
0.6
3.6
V
VEN_HIGH
Enable Voltage High
pin EN
2.2
3.6
V
VEN_LOW
Enable Voltage Low
pin EN
0
0.5
V
ISET
ISET range
VEN = 3V
25
150
μA
ISET_OFF
ISET in OFF mode
VCTRL = 3V, VSAT = 3V,
VEN = 0V
0.1
1
μA
IIN_OFF
IIN in OFF mode
VCTRL = 3V, VSAT = 3V,
VEN = 0V, TAMB = 25°C
0.1
1
μA
VCTRL = 3V, VSAT = 3V,
VEN = 0V,
TAMB = -40°C to 85°C
(for AS1111A)
4
μA
VCTRL = 3V, VSAT = 3V,
VEN = 0V,
TAMB = -40°C to 85°C
2
μA
Eff (1)
Peak Efficiency
VIN = 3V, VEN = 3V
95
%
Match
LED to LED Current
Matching
VEN = 3V
-3
3
%
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com