Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412-EWLT Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS3412-EWLT
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412-EWLT Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS3412-EWLT Datasheet HTML 18Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 19Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 20Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 21Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 22Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 23Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 24Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 25Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 85 page
background image
ams Datasheet
Page 21
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
Parameter
VBAT =1.8V, TA= 25ºC, unless otherwise specified.
Figure 23:
Headphone Amplifier Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RL_HP
Load Impedance
Stereo mode
16
32
Ω
Mono
32
Ω
CL_HP
Load Capacitance
Stereo mode
100
pF
PHP
Nominal Output
Power Stereo Mode
Vbat = 1.8V; 32Ω load; THD<0.1%
34
mW
Vbat = 1.65V; 32Ω load; THD<0.1%
29
mW
Vbat = 1.8V; 16Ω load; THD<0.1%
50
mW
Vbat = 1.65V; 16Ω load; THD<0.1%
41
mW
PHP_BRIDGE
Nominal Output
Power Differential
Mode
Vbat = 1.8V; 32Ω load
90
mW
Vbat = 1.65V; 32Ω load
75
mW
IHPH
Supply current
VBAT = 1.8V; no signal, normal mode
1.5
2.4
3.1
mA
VBAT = 1.8V; no signal, ECO mode
1.18
2
2.9
mA
PSRRHP
Power Supply
Rejection Ratio
1kHz
100
dB
SNR
Signal to Noise Ration
High Quality Mode, Line Input ->
HPH stereo in phase test signal;
32Ω load; VBAT = 1.8V;
111.5
dB
High Quality Mode, Line Input ->
HPH stereo out of phase test signal;
32Ω load; VBAT = 1.8V;
112.5
dB
ECO Mode, Line Input -> HPH stereo
in phase test signal;
32Ω load; VBAT = 1.8V;
109.5
dB
ECO Mode, Line Input -> HPH stereo
out of phase test signal;
32Ω load; VBAT = 1.8V;
110.5
dB
Channel
Separation
32Ω load
93
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com