Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412-EWLT Datasheet(PDF) 49 Page - ams-OSRAM AG

Part # AS3412-EWLT
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412-EWLT Datasheet(HTML) 49 Page - ams-OSRAM AG

Back Button AS3412-EWLT Datasheet HTML 45Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 46Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 47Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 48Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 49Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 50Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 51Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 52Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 53Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
Page 48
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
Figure 62:
Byte Write
Byte Write: This figure shows the sequence for a byte write command.
Figure 63:
Page Write
Page Write: This figure shows the sequence for a page write command.
Byte Write and Page Write formats are used to write data to the
slave. The transmission begins with the START condition, which
is generated by the master when the bus is in IDLE state (the
bus is free). The device-write address is followed by the word
address. After the word address any number of data bytes can
be sent to the slave. The word address is incremented internally,
in order to write subsequent data bytes to subsequent address
locations.
For reading data from the slave device, the master has to change
the transfer direction. This can be done either with a repeated
START condition followed by the device-read address, or simply
with a new transmission START followed by the device-read
address, when the bus is in IDLE state. The device-read address
is always followed by the 1st register byte transmitted from the
slave. In Read Mode any number of subsequent register bytes
can be read from the slave. The word address is incremented
internally.
Figure 64:
Random Read
Random Read: This figure shows the I²C sequence for a random read function.
A
DW
S
WA
A
reg_data
P
WA++
A
A
DW
S
WA
A
reg_data 1
A
reg_data 2
A
...
reg_data n
WA++
WA++
WA++
P
A
A
DW
S
WA
A Sr
P
DR
A
data
N
RA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com