Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412-EWLT Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # AS3412-EWLT
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412-EWLT Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button AS3412-EWLT Datasheet HTML 48Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 49Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 50Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 51Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 52Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 53Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 54Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 55Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 56Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 85 page
background image
ams Datasheet
Page 51
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Detailed Description
VBAT =1.8V, TA=25ºC, unless otherwise specified.
Figure 68:
I²C Serial Interface Parameter
I²C Serial Interface Parameter: This table shows the serial interface timing parameter.
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCSL
CSCL, CSDA Low Input
Level
(max 30% VBAT)
0
-
0.42
V
VCSH
CSCL, CSDA High Input
Level
CSCL, CSDA (min 70% VBAT)
1.16
-
V
HYST
CSCL, CSDA Input
Hysteresis
200
450
800
mV
VOL
CSDA Low Output Level
at 3mA
-
-
0.4
V
Tsp
Spike insensitivity
50
100
-
ns
TH
Clock high time
max. 400kHz clock speed
500
ns
TL
Clock low time
max. 400kHz clock speed
500
ns
TSU
CSDA has to change TSU before
rising edge of CSCL
250
-
-
ns
THD
No hold time needed for CSDA
relative to rising edge of CSCL
0-
-
ns
TS
CSDA H hold time relative to
CSDA edge for start/stop/rep_
start
200
-
-
ns
TPD
CSDA prop delay relative to low
going edge of CSCL
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com