Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412-EWLT Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS3412-EWLT
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412-EWLT Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS3412-EWLT Datasheet HTML 13Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 14Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 15Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 16Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 17Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 18Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 19Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 20Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-06
AS3412 − Detailed Description
Figure 16:
Microphone THD+N vs. Vinput
Figure 17:
Microphone THD+N vs. Vinput ECO Mode
Microphone THD+N vs. Vinput: This
graph shows the A-weighted THD+N
versus input voltage of the microphone
preamplifier with 0dB gain and
VBAT=1.8V.
Microphone THD+N vs. Vinput: This
graph shows the A-weighted THD+N
versus input voltage of the microphone
preamplifier with 0dB gain and
VBAT=1.8V. The amplifier runs in ECO
mode.
0,0001
0,001
0,01
0,1
1
10
100
Vinput [mV]
0,0001
0,001
0,01
0,1
1
10
100
Vinput [mV]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com