Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3412-EWLT Datasheet(PDF) 70 Page - ams-OSRAM AG

Part # AS3412-EWLT
Description  Ultra Small ANC Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3412-EWLT Datasheet(HTML) 70 Page - ams-OSRAM AG

Back Button AS3412-EWLT Datasheet HTML 66Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 67Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 68Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 69Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 70Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 71Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 72Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 73Page - ams-OSRAM AG AS3412-EWLT Datasheet HTML 74Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 85 page
background image
ams Datasheet
Page 69
[v1-00] 2016-Apr-06
Document Feedback
AS3412 − Register Description
Evaluation Register
Figure 86:
EVAL Register Description
Name
Address
Default Value
EVAL
0x3D
0x00
This register enables miscellaneous operating modes, that are typically controlled via slide switch or push
button, for evaluation purposes or MCU controlled applications.
Bit
Bit Name
Default
Access
Bit Description
4
MASTER_LIN_
MUTE
0R/W
This register is the master register for the line input
mute function. No matter in what operating mode the
device is working the LINE_MUTE bit overrules any
other setting in any operation mode.
0: Line Input master mute disabled
1: Line Input master mute enabled
3MON_MODE
0
R/W
This bit enables the monitor mode of AS3415/35
which can normally be enabled by pulling the MODE
pin to VBAT/2. In case an MCU is connected to the
device the Monitor mode can be enabled by setting
this bit.
0: Monitor mode deactivated
1: Monitor mode activated
2
PBO_MODE
0
R/W
This bit enables the playback mode of AS3412
which can normally be enabled by pulling the ANC
pin to 0V. In case an MCU is connected to the device
Monitor mode can be enabled by setting this bit.
0: Monitor mode deactivated
1: Monitor mode activated
1MICR_MUTE
0
R/W
This register is the master mute register for the left
microphone amplifier. No matter in what operating
mode the device is working the MICL_MUTE bit
overrules any other setting in any operation mode.
0: Mute disabled
1: Mute enabled
0MICL_MUTE
0
R/W
This register is the master mute register for the left
microphone amplifier. No matter in what operating
mode the device is working the MICR_MUTE bit
overrules any other setting in any operation mode.
0: Mute disabled
1: Mute enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com