Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7056 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS7056
Description  Biosignal converting unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7056 Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS7056 Datasheet HTML 1Page - ams-OSRAM AG AS7056 Datasheet HTML 2Page - ams-OSRAM AG AS7056 Datasheet HTML 3Page - ams-OSRAM AG AS7056 Datasheet HTML 4Page - ams-OSRAM AG AS7056 Datasheet HTML 5Page - ams-OSRAM AG AS7056 Datasheet HTML 6Page - ams-OSRAM AG AS7056 Datasheet HTML 7Page - ams-OSRAM AG AS7056 Datasheet HTML 8Page - ams-OSRAM AG AS7056 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AS7056
General description
Short Datasheet
• PUBLIC • Document Feedback
DS001052
• v5-00 • 2024-Sep-12
3 / 13
/
AS7056 Biosignal converting unit
1
General description
The AS7056 Biosignal Sensor Analog Frontend (AFE) is the next generation Vital Sign Sensor
in the ams OSRAM product family. It enables the user to detect biosignals such as
photoplethysmogram (PPG) and pulse transit time (PTT), as well as proximity. PPG is the
most used HRM method. It measures the pulse rate - by sampling light modulated by the blood
vessels, which expand and contract as blood pulses through them. Apart from HRM/HRV,
optical blood pressure and SpO2 are also enabled by the two independent working photodiode
inputs of the AS7056. The AS7056 is a size and performances optimized Analog Frontend to
support space-limited applications such as in-ear vital sign monitoring as well as ring
applications.
The AS7056 provides two LEDs and one VCSEL driver outputs, samples up to three
photodiode inputs, and supports proximity detection integrated into one of the PPG signal
channels. This enables high flexibility for several LED and photodiode arrangements in
different applications. Furthermore, the AS7056 Biosignal Sensor Analog Frontend provides
two ADC channels for simultaneous PPG measurements and an automatic photodiode offset
control.
The AS7056
’s low-power design and small form factor are particularly well-suited for
application in earbuds, fitness bands, smartwatches, sports watches, and smart patches. In
these cases, board space is limited, and users look for extended, multi-day intervals between
battery recharges. A thin package dimension makes the AS7056 suitable for height-
constrained solutions like earbuds.
1.1
Key benefits & features
The benefits and features of AS7056, Biosignal converting unit are listed below:
Table 1: Added value of using AS7056
Benefits
Features
Flexible LED/photodiode configuration.
2 LED + 1 VCSEL driver and 3 photodiode input pins.
Allows smallest application size, e.g. in-ear vital sign
monitoring
Small Wafer-Level-Chip-Scale-Package (WLCSP).
Enables optical blood pressure measurements.
Two synchronized PPG acquisition channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com