Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7056 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS7056
Description  Biosignal converting unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7056 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS7056 Datasheet HTML 4Page - ams-OSRAM AG AS7056 Datasheet HTML 5Page - ams-OSRAM AG AS7056 Datasheet HTML 6Page - ams-OSRAM AG AS7056 Datasheet HTML 7Page - ams-OSRAM AG AS7056 Datasheet HTML 8Page - ams-OSRAM AG AS7056 Datasheet HTML 9Page - ams-OSRAM AG AS7056 Datasheet HTML 10Page - ams-OSRAM AG AS7056 Datasheet HTML 11Page - ams-OSRAM AG AS7056 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AS7056
Electrical characteristics
Short Datasheet
• PUBLIC • Document Feedback
DS001052
• v5-00 • 2024-Sep-12
8 / 13
/
Symbol
Parameter
Min
Max
Unit
Comments
tSTRG DOF
Storage time for DOF/Die or
wafers on foil
3
months
Refers to indicated date of
packing
(1) The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-
020 “Moisture/Reflow
Sensitivity Classification for
Nonhermetic Solid State Surface Mount Devices.” The lead finish for Pb-free leaded packages is
“Matte Tin” (100 % Sn)
4
Electrical characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods.
Conditions: TA = 25 °C, VVDD = 1.8 V; VVDD2 = 1.8 V
Table 3: Electrical characteristics of AS7056
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VVDD
Supply voltage
VDD pin
1.70
1.80
1.98
V
VVDD2
Supply voltage
VDD2 pin
1.70
1.80
1.98
V
VVCSELS
VCSELS supply
voltage
Voltage must not be below
VAVDD
1.75
5.50
V
Photodiode Inputs
CPD
Total photodiode
capacitance
connected to
MOD1 or MOD2
0 V reverse voltage
300
pF
IPD
Photocurrent input
64
µA
MOD1 & MOD2 (PPG Channels)
IPD
Photodiode input
current range
Configurable ADC input full
scale current range via register
MODx_SEQx_IREF with 1µA
step size
1
64
µA
MODRES
ADC resolutions
of MOD1 and
MOD2
20
bit
fMOD_SAMPL
Typical Modulator
sampling
frequency
0.5
25
1000
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com