Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7056 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS7056
Description  Biosignal converting unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7056 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS7056 Datasheet HTML 5Page - ams-OSRAM AG AS7056 Datasheet HTML 6Page - ams-OSRAM AG AS7056 Datasheet HTML 7Page - ams-OSRAM AG AS7056 Datasheet HTML 8Page - ams-OSRAM AG AS7056 Datasheet HTML 9Page - ams-OSRAM AG AS7056 Datasheet HTML 10Page - ams-OSRAM AG AS7056 Datasheet HTML 11Page - ams-OSRAM AG AS7056 Datasheet HTML 12Page - ams-OSRAM AG AS7056 Datasheet HTML 13Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AS7056
Electrical characteristics
Short Datasheet
• PUBLIC • Document Feedback
DS001052
• v5-00 • 2024-Sep-12
9 / 13
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CPD
Total photodiode
capacitance
connected to
PPG_ADC
0 V reserve voltage
60
300
pF
MODDAC_OFF
DAC ambient light
cancellation offset
current full-scale
range for MOD1
or MOD2
MODx_IOS_FS = 0
1
µA
MODx_IOS_FS = 1
2
MODx_IOS_FS = 2
4
MODx_IOS_FS = 3
8
MODx_IOS_FS = 4
16
MODx_IOS_FS = 5
32
MODx_IOS_FS = 6
64
MODx_IOS_FS = 7
128
LED / VCSEL Driver
LEDRES23
LED driver
resolution
Applicable to LED2 and LED3
driver
7
Bit
LEDRES1
LED driver
resolution
Applicable to VCSEL LED1
driver
6
Bit
IRANGE1
LED1 current
range
20
mA
VCOMP_LED1
LED1 driver
compliance
voltage
ILED=20mA
0.3
V
IRANGE23
LED2 and LED3
current range
200
mA
VCOMP_LED23
LED1 and LED2
driver compliance
voltage
ILED=200mA
0.4
V
Digital Input SCL and SDA
VIH
Input high
Switching threshold while
rising edge of the input signal
is introduced
0.54
1.26
V
VIL
Input low
Switching threshold while
falling edge of the input signal
is introduced
0.54
1.26
V
Digital Output SDA
VOH
Output high
Pin’s source load current is
6 mA
condition: E2=E4=”1”
(full available driver strength)
VVDD-
0.4
V
VOL
Output low
Pin’s sink load current is 6 mA
condition: E2=E4=”1” (full
available driver strength)
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com