Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7056 Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # AS7056
Description  Biosignal converting unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7056 Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button AS7056 Datasheet HTML 3Page - ams-OSRAM AG AS7056 Datasheet HTML 4Page - ams-OSRAM AG AS7056 Datasheet HTML 5Page - ams-OSRAM AG AS7056 Datasheet HTML 6Page - ams-OSRAM AG AS7056 Datasheet HTML 7Page - ams-OSRAM AG AS7056 Datasheet HTML 8Page - ams-OSRAM AG AS7056 Datasheet HTML 9Page - ams-OSRAM AG AS7056 Datasheet HTML 10Page - ams-OSRAM AG AS7056 Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AS7056
Absolute maximum ratings
Short Datasheet
• PUBLIC • Document Feedback
DS001052
• v5-00 • 2024-Sep-12
7 / 13
/
3
Absolute maximum ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 2: Absolute maximum ratings of AS7056
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VVDD_MAX
Positive supply voltage
-0.3
1.98
V
VDD to VSS
VVDD2_MAX
Analog supply voltage
-0.3
1.98
V
VDD2 to VSS
VVCSELS_MAX
VCSELS supply voltage
-0.3
5.5
V
VCSELS to AGND
VVCSELA_MAX
VCSELA pin voltage
-0.3
5.5
V
VCSELA to AGND
VVCSELA-VCSELS
Voltage difference between
pins VCSELA and VCSELS
-0.3
0.3
V
Internal diode to VVCSELS
VLED_MAX
LED pin voltage
-0.3
5.5
V
Applicable to pins LED1, LED2
and LED3
VIN_MAX_MAX
Maximum analog and digital
input voltage
-0.3
VVDD+0.3 V
max. 1.98 V
V
Applicable to pins PD1, PD2,
PD3, SDA and SCL. Internal
ESDD protection diode to VDD
pin present on analog and
digital input pins.
VGND-PGND
Power to analog ground
voltage difference
-0.3
0.3
V
ILED_AVER_
Average LED ON current
35
mA
DC current with all LEDs ON
during all 8 time slots
ISCR
Input current (latch-up
immunity)
± 100
mA
JEDEC JESD78E
Electrostatic Discharge
ESDHBM
Electrostatic discharge HBM
± 2
kV
JS-001-2017
ESDCDM
Electrostatic discharge CDM
± 500
V
JS-001-2017
Temperature Ranges and Storage Conditions
TAMB
Operating ambient
temperature
-30
85
°C
TSTRG
Storage temperature range
-40
125
°C
TBODY
Package body temperature
260
°C
IPC/JEDEC J-STD-020 (1)
RHNC
Relative humidity (non-
condensing)
5
85
%
MSL
Moisture sensitivity level
1
According to JEDEC J-STD-
020E
Represents a max. floor life
time of unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com