Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7056 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS7056
Description  Biosignal converting unit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7056 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS7056 Datasheet HTML 5Page - ams-OSRAM AG AS7056 Datasheet HTML 6Page - ams-OSRAM AG AS7056 Datasheet HTML 7Page - ams-OSRAM AG AS7056 Datasheet HTML 8Page - ams-OSRAM AG AS7056 Datasheet HTML 9Page - ams-OSRAM AG AS7056 Datasheet HTML 10Page - ams-OSRAM AG AS7056 Datasheet HTML 11Page - ams-OSRAM AG AS7056 Datasheet HTML 12Page - ams-OSRAM AG AS7056 Datasheet HTML 13Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AS7056
Package drawings & markings
Short Datasheet
• PUBLIC • Document Feedback
DS001052
• v5-00 • 2024-Sep-12
10 / 13
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Digital Output INT
VOH
Output high
Pin’s source load current is
2 mA
condition: E2=E4=”1”
(full available driver strength)
VVDD-
0.4
V
VOL
Output low
Pin’s sink load current is 2 mA
condition: E2=E4=”1” (full
available driver strength)
0.4
V
5
Package drawings & markings
Figure 2: WLCSP package outline drawing
(1) All dimensions are in millimeters. Angles in degrees.
(2) Dimensioning and tolerancing conform to ASME Y14.5M-1994.
(3) This package contains no lead (Pb).
(4) This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com