Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341L Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button AS7341L Datasheet HTML 26Page - ams-OSRAM AG AS7341L Datasheet HTML 27Page - ams-OSRAM AG AS7341L Datasheet HTML 28Page - ams-OSRAM AG AS7341L Datasheet HTML 29Page - ams-OSRAM AG AS7341L Datasheet HTML 30Page - ams-OSRAM AG AS7341L Datasheet HTML 31Page - ams-OSRAM AG AS7341L Datasheet HTML 32Page - ams-OSRAM AG AS7341L Datasheet HTML 33Page - ams-OSRAM AG AS7341L Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 29
CONFIG Register (Address 0x70)
Figure 33:
CONFIG Register
Addr: 0x70
CONFIG
Bit
Bit Name
Default
Access
Bit Description
7:4
reserved
0
RW
reserved
3
LED_SEL
0
RW
LED Control.
0: External LED not controlled by AS7341L
1: Register LED controls LED connected to pin LDR
Note: Register 0x74
2
INT_SEL
0
RW
1: Sync signal applied on output pin INT
1:0
INT_MODE
0
RW
Ambient Light Sensing Mode:
0: SPM mode (spectral measurement, normal mode)
1: SYNS mode
2: Reserved
3: SYND mode
Note: In SYND mode it is recommended to use
register 0x60 to 0x6F to read out spectral data.
GPIO Register (Address 0x73)
Figure 34:
GPIO Register
Addr: 0x73
GPIO
Bit
Bit Name
Default
Access
Bit Description
7:2
reserved
0
RW
reserved
1
PD_GPIO
0
RW
1: Photo diode connected to pin GPIO
0
PD_INT
0
RW
1: Photo diode connected to pin INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com