Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341L Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS7341L Datasheet HTML 1Page - ams-OSRAM AG AS7341L Datasheet HTML 2Page - ams-OSRAM AG AS7341L Datasheet HTML 3Page - ams-OSRAM AG AS7341L Datasheet HTML 4Page - ams-OSRAM AG AS7341L Datasheet HTML 5Page - ams-OSRAM AG AS7341L Datasheet HTML 6Page - ams-OSRAM AG AS7341L Datasheet HTML 7Page - ams-OSRAM AG AS7341L Datasheet HTML 8Page - ams-OSRAM AG AS7341L Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
Document Feedback
AS7341L
General Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 3
1
General Description
AS7341L1 is a 10-channel spectrometer for spectral identification and color matching for lateral flow
and health related devices. The AS7341L part number enables developers the use ams-related
propriety technology related to the lateral flow principle. The spectral response is defined in the
wavelengths from approximately 350 nm to 1000 nm. 6 channels can be processed in parallel by
independent ADCs while the other channels are accessible via a multiplexer. 8 optical channels cover
the visible spectrum, one channel can be used to measure near infra-red light and one channel is a
photo diode without filter (“clear”). This enables to readout the spectral information of a color strip and
enables multi-analyte detection or fluorescent-based measurement capabilities. The NIR channel in
combination with the other VIS channel may provide additional spectral information. The device can
be synchronized to external signals via pin GPIO.
AS7341L integrates filters into standard CMOS silicon via nano-optic deposited interference filter
technology and its package provides a built in aperture to control the light entering the sensor array.
Control and spectral data access is implemented via a serial I²C interface. The device is available in
an ultra-low profile package with dimensions of 3.1 mm x 2 mm x 1 mm.
1.1
Key Benefits & Features
The benefits and features of AS7341L, 10-Channel Spectral Sensor Frontend, are listed below:
Figure 1:
Added Value of Using AS7341L
Benefits
Features
Color matching and fluorescence
measurements in mobile phone accessories
8 optical channels distributed over the visible
spectral range + clear and NIR channel to
accurately measure and match colors in mobile
phone accessories
Low power consumption and minimum I²C traffic
● 1.8 VDD operation
● Configurable sleep mode
● Interrupt-driven device
Electronic shutter/external trigger functionality
GPIO can be used as external trigger input
External photodiodes to expand detection range
GPIO can be used as input for external e.g.
InGaAs PDs for MIR range.
1 L = Lateral flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com