Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341L Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button AS7341L Datasheet HTML 27Page - ams-OSRAM AG AS7341L Datasheet HTML 28Page - ams-OSRAM AG AS7341L Datasheet HTML 29Page - ams-OSRAM AG AS7341L Datasheet HTML 30Page - ams-OSRAM AG AS7341L Datasheet HTML 31Page - ams-OSRAM AG AS7341L Datasheet HTML 32Page - ams-OSRAM AG AS7341L Datasheet HTML 33Page - ams-OSRAM AG AS7341L Datasheet HTML 34Page - ams-OSRAM AG AS7341L Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 30
GPIO 2 Register (Address 0xBE)
Figure 35:
GPIO2 Register
Addr: 0xBE
GPIO 2
Bit
Bit Name
Default
Access
Bit Description
7:4
reserved
0
reserved
3
GPIO_INV
0
RW
GPIO Invert.
If set, the GPIO output is inverted.
2
GPIO_IN_EN
0
RW
GPIO Input Enable.
If set, the GPIO pin accepts a non-floating input.
1
GPIO_OUT
1
RW
GPIO Output.
If set, the output state of the GPIO is active directly.
0
GPIO_IN
0
R
GPIO Input.
Indicates the status of the GPIO input if
GPIO_IN_EN is set.
LED Register (Address 0x74)
Figure 36:
LED Register
Addr: 0x74
LED
Bit
Bit Name
Default
Access
Bit Description
7
LED_ACT
0
RW
LED Control.
0: External LED connected to pin LDR off
1: External LED connected to pin LDR on
6:0
LED_DRIVE
000 0100
RW
LED Driving Strength.
000 0000: 4 mA
000 0001: 6 mA
000 0010: 8 mA
000 0011: 10 mA
000 0100: 12 mA
……
111 1110: 256 mA
111 1111: 258 mA
Note: Bit LED_SEL (register 0x70) needs to be set
to “1” to control LED connected to pin LDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com