Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341L Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS7341L Datasheet HTML 11Page - ams-OSRAM AG AS7341L Datasheet HTML 12Page - ams-OSRAM AG AS7341L Datasheet HTML 13Page - ams-OSRAM AG AS7341L Datasheet HTML 14Page - ams-OSRAM AG AS7341L Datasheet HTML 15Page - ams-OSRAM AG AS7341L Datasheet HTML 16Page - ams-OSRAM AG AS7341L Datasheet HTML 17Page - ams-OSRAM AG AS7341L Datasheet HTML 18Page - ams-OSRAM AG AS7341L Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
Document Feedback
AS7341L
Optical Characteristics
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 14
Figure 16:
Optical Characteristics of AS7341L, AGAIN: 64x, Integration Time: 27.8 ms (unless otherwise
noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Re_CLEAR
Irradiance
responsivity channel
CLEAR
LED: Warm white
2700 K(2)
Ee = 107.67
μW/cm2
1750
counts
Re_NIR
Irradiance
responsivity channel
NIR
LED: Warm white
2700 K(3)
Ee = 107.67
μW/cm2
112
counts
LED: 940 nm(4)
Ee = 98 µW/cm²
AGAIN = 128x
tint = 100 ms
5135
Dark_1(1)(2)
Dark ADC 0-4 count
value
Ee = 0
μW/cm2
AGAIN: 512x
Integration time: 98 ms
0
3
counts
Dark_2(3)
Dark ADC 5 count
value
Ee = 0
μW/cm2
AGAIN: 512x
Integration time: 98 ms
0
5
counts
Gain(4)
ratio
Optical gain ratios,
relative to 64x gain
setting
AGAIN: 0.5x
0.007
0.008
0.009
AGAIN: 1x
0.0145
0.016
0.0175
AGAIN: 2x
0.03
0.032
0.034
AGAIN: 4x
0.062
0.065
0.068
AGAIN: 8x
0.119
0.125
0.131
AGAIN: 16x
0.237
0.25
0.263
AGAIN: 32x
0.47
0.5
0.53
AGAIN: 64x
1
AGAIN: 128x
1.8
2
2.1
AGAIN: 256x
3.75
3.95
4.25
AGAIN: 512x
7.25
7.75
8.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com