Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7341L Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS7341L
Description  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7341L Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS7341L Datasheet HTML 43Page - ams-OSRAM AG AS7341L Datasheet HTML 44Page - ams-OSRAM AG AS7341L Datasheet HTML 45Page - ams-OSRAM AG AS7341L Datasheet HTML 46Page - ams-OSRAM AG AS7341L Datasheet HTML 47Page - ams-OSRAM AG AS7341L Datasheet HTML 48Page - ams-OSRAM AG AS7341L Datasheet HTML 49Page - ams-OSRAM AG AS7341L Datasheet HTML 50Page - ams-OSRAM AG AS7341L Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 46
10.2.7
Spectral Data and Status
The ASTATUS register is mapped to register address 0x60 and 0x94. It provides saturation and gain
status associated to each set of spectral data. Reading the ASTATUS register (0x60 or 0x94) latches
all 12 spectral data bytes to that status read. Reading these bytes consecutively (0x60 to 0x6F or 0x94
to 0xA0) ensures that the data is concurrent. All spectral data are stored as 16-bit values. The
ASTATUS and spectral data registers are read only.
In SPM or SYNS mode, it is recommended to use the ASTATUS register 0x94 and spectral data
register 0x94 to 0xA0. In SYND mode, it is possible to use register 0x60 to 0x6F for easier
implementation.
ASTATUS Register (Address 0x60 or 0x94)
Figure 65:
ASTATUS Register
Addr: 0x60 and 0x94
ASTATUS
Bit
Bit Name
Default
Access
Bit Description
7
ASAT_STATUS
0
R, SC
Saturation Status.
Indicates if the latched data is affected by analog or
digital saturation.
6:4
reserved
0
R
reserved
3:0
AGAIN_STATUS
0
R, SC
Gain Status.
Indicates the gain applied for the spectral data
latched to this ASTATUS read. The gain from this
status read is required to calculate spectral results if
AGC is enabled.
CH0_DATA Register (Address 0x95/0x96)
Figure 66:
CH0_DATA_L Register
Addr: 0x95
CH0_DATA_L
Bit
Bit Name
Default
Access
Bit Description
7:0
CH0_DATA_L
0
R
CH0 ADC data
– low byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com