Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV12000 Datasheet(PDF) 25 Page - ams-OSRAM AG

Part # CMV12000
Description  12Mp High Speed Machine Vision Global Shutter CMOS Image Sensor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV12000 Datasheet(HTML) 25 Page - ams-OSRAM AG

Back Button CMV12000 Datasheet HTML 21Page - ams-OSRAM AG CMV12000 Datasheet HTML 22Page - ams-OSRAM AG CMV12000 Datasheet HTML 23Page - ams-OSRAM AG CMV12000 Datasheet HTML 24Page - ams-OSRAM AG CMV12000 Datasheet HTML 25Page - ams-OSRAM AG CMV12000 Datasheet HTML 26Page - ams-OSRAM AG CMV12000 Datasheet HTML 27Page - ams-OSRAM AG CMV12000 Datasheet HTML 28Page - ams-OSRAM AG CMV12000 Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
Document Feedback
CMV12000
Functional Description
Datasheet
• PUBLIC
DS000603
• v6-00 • 2023-Sep-22
84
│ 24
7.2.7
SPI Programming
Programming the sensor is done by writing the appropriate values to the on-board registers. These
registers can be written over a simple serial interface (SPI). The details of the timing and data format
are described below. The data written to the programming registers can also be read out over this
same SPI interface.
SPI I/O’s are pulled low when not used/enabled.
SPI Write
The timing to write data over the SPI interface can be found below.
Figure 15:
SPI Write
The data is sampled by the device on the rising edge of the SPI_CLK and read-in at the last falling
SPI_CLK edge. The SPI_CLK has a maximum frequency of 30 MHz. The SPI_EN signal has to be
high for half a clock period before the first data bit is sampled. SPI_EN has to remain high for one
clock period after the last data bit is sampled.
One write action contains 24 data bits:
●
One control bit: First bit to be sent, indicates whether a read (‘0’) or write (‘1’) will occur on the
SPI interface.
●
7 address bits: These bits form the address of the programming register that needs to be
written. The address is sent MSB first.
●
16 data bits: These bits form the actual data that will be written in the register selected with the
address bits. The data is written MSB first.
When several sensor registers need to be written, the timing above can be repeated with SPI_EN
remaining high all the time. See the figure below for an example of 2 registers being written.
Figure 16:
SPI Write of Multiple Registers
SPI_EN
SPI_IN
SPI_CLK
C=
’1'
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
...
D3
D2
D1
D0
½ CLK
1 CLK
...
SPI_EN
SPI_IN
SPI_CLK
C=
’1'
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
...
D3
D2
D1
D0
C=
’1'
A6
A5
A4
A3
A2
A1
A0
D15
D14
D13
...
D3
D2
D1
D0
½ CLK
1 CLK
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com