Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV12000 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # CMV12000
Description  12Mp High Speed Machine Vision Global Shutter CMOS Image Sensor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV12000 Datasheet(HTML) 4 Page - ams-OSRAM AG

  CMV12000 Datasheet HTML 1Page - ams-OSRAM AG CMV12000 Datasheet HTML 2Page - ams-OSRAM AG CMV12000 Datasheet HTML 3Page - ams-OSRAM AG CMV12000 Datasheet HTML 4Page - ams-OSRAM AG CMV12000 Datasheet HTML 5Page - ams-OSRAM AG CMV12000 Datasheet HTML 6Page - ams-OSRAM AG CMV12000 Datasheet HTML 7Page - ams-OSRAM AG CMV12000 Datasheet HTML 8Page - ams-OSRAM AG CMV12000 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
Document Feedback
CMV12000
General Description
Datasheet
• PUBLIC
DS000603
• v6-00 • 2023-Sep-22
84
│ 3
1
General Description
The CMV12000 is a high speed CMOS image sensor with 4096 by 3072 pixels (22.5 mm x 16.9 mm)
developed for machine vision and other applications. The image array consists of 5.5
μm x 5.5 μm
pipelined global shutter pixels, which allow exposure during read-out. The image sensor has 64 8-,
10 - or 12-bit digital LVDS outputs (serial). The image sensor also integrates a programmable gain
amplifier and offset regulation. Each channel runs at 600 Mbit/s which results in 132 fps frame rate at
full resolution and 12-bit. When 10-bit per pixel is used, the frame rate increases to 300 fps. Higher
frame rates can be achieved in row-windowing mode or row-subsampling mode. These modes are all
programmable using the SPI interface. A programmable on-board sequencer generates all internal
exposure and read-out timings. External triggering and exposure programming is possible. Extended
optical dynamic range can be achieved by multiple integrated high dynamic range modes.
1.1
Key Benefits & Features
The benefits and features of CMV12000, 12Mp High Speed Machine Vision Global Shutter CMOS
Image Sensor are listed below:
Figure 1:
Added Value of Using CMV12000
Benefits
Features
Designed for high performance applications
A resolution of 4096×3072 at 300 frames per
second
Capture fast moving objects
8T global shutter pixel with true Correlated
Double Sampling (true CDS)
Select high frame rate or improved image quality
8-bit, 10-bit and 12-bit ADC
See bright and dark objects simultaneous
Standard dynamic range of 60 dB
High Dynamic Range (HDR) modes possible
1.2
Applications
●
Machine Vision
●
High End Inspection
●
Video/Broadcast
●
Motion Capture
●
Intelligent Transportation System (ITS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com