Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV12000 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # CMV12000
Description  12Mp High Speed Machine Vision Global Shutter CMOS Image Sensor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV12000 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button CMV12000 Datasheet HTML 9Page - ams-OSRAM AG CMV12000 Datasheet HTML 10Page - ams-OSRAM AG CMV12000 Datasheet HTML 11Page - ams-OSRAM AG CMV12000 Datasheet HTML 12Page - ams-OSRAM AG CMV12000 Datasheet HTML 13Page - ams-OSRAM AG CMV12000 Datasheet HTML 14Page - ams-OSRAM AG CMV12000 Datasheet HTML 15Page - ams-OSRAM AG CMV12000 Datasheet HTML 16Page - ams-OSRAM AG CMV12000 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
Document Feedback
CMV12000
Pin Assignment
Datasheet
• PUBLIC
DS000603
• v6-00 • 2023-Sep-22
84
│ 12
Number
Name
Type
Description
H2
CMDP_OSC
Bias
Decouple with 100 nF to VDD18
H3
CMDP_COMP33
Bias
Decouple with 100 nF to VDD33
H4
DIO3
Ground
Connect to ground
H5
VDD18
Supply
1.98 V supply
H6
GND
Ground
Ground pin
H7
OUT34_N
LVDS output
LVDS negative output channel 34
H8
OUT34_P
LVDS output
LVDS positive output channel 34
H9
GND
Ground
Ground pin
H10
VDD18
Supply
1.98 V supply
H11
OUT41_N
LVDS output
LVDS negative output channel 41
H12
OUT41_P
LVDS output
LVDS positive output channel 41
H13
OUT45_N
LVDS output
LVDS negative output channel 45
H14
OUT45_P
LVDS output
LVDS positive output channel 45
H15
VDD18
Supply
1.98 V supply
H16
VDD18
Supply
1.98 V supply
H17
OUT52_N
LVDS output
LVDS negative output channel 52
H18
OUT52_P
LVDS output
LVDS positive output channel 52
H19
OUT56_N
LVDS output
LVDS negative output channel 56
H20
OUT56_P
LVDS output
LVDS positive output channel 56
H21
GND
Ground
Ground pin
H22
VDD18
Supply
1.98 V supply
H23
OUT63_N
LVDS output
LVDS negative output channel 63
H24
OUT63_P
LVDS output
LVDS positive output channel 63
H25
GND
Ground
Ground pin
H26
VDD18
Supply
1.98 V supply
H27
GND
Ground
Ground pin
H28
VDD_PIX
Supply
3.0 V supply
H29
SPI_CLK
Digital input
SPI clock input pin
H30
T_EXP1
Digital input
Input pin for external exposure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com