Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV12000 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # CMV12000
Description  12Mp High Speed Machine Vision Global Shutter CMOS Image Sensor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV12000 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button CMV12000 Datasheet HTML 40Page - ams-OSRAM AG CMV12000 Datasheet HTML 41Page - ams-OSRAM AG CMV12000 Datasheet HTML 42Page - ams-OSRAM AG CMV12000 Datasheet HTML 43Page - ams-OSRAM AG CMV12000 Datasheet HTML 44Page - ams-OSRAM AG CMV12000 Datasheet HTML 45Page - ams-OSRAM AG CMV12000 Datasheet HTML 46Page - ams-OSRAM AG CMV12000 Datasheet HTML 47Page - ams-OSRAM AG CMV12000 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 85 page
background image
Document Feedback
CMV12000
Functional Description
Datasheet
• PUBLIC
DS000603
• v6-00 • 2023-Sep-22
84
│ 43
Reg. Name
Address
Bits
Default
Description
Vtfl3
106
106[13:7]
64
Sets the level of kneepoint 2:
Bit [13] =0/1: Enable/Disable DAC
Bits [12:7]: Vtfl3 voltage level
With external exposure mode, the kneepoint and total exposure times are set with the T_EXP1/2 and
FRAME_REQ triggers. The timing that needs to be applied in this external exposure mode looks like
the one below.
Figure 51:
Multiple Slope HDR with External Exposure
Attention
A combination of multiple slope and interleaved HDR is not supported.
7.4.4
Windowing
To limit the amount of data or to increase the frame rate of the sensor, windowing in Y direction is
possible. The number of lines and start address can be set by programming the appropriate registers.
The start address of a window should be a multiple of
four (0, 4, 8 …).
The size (number of rows) of a window has to be a certain multiple and this depends on the mode and
number of sides used. These multiples are stated below:
Figure 52:
Window Size Multiples
Sides Used
Normal
XY-Subsampling
Binning
1
1
2
4
2
2
4
8
FRAME_REQ
T_EXP1
Total exposure time
Exposure kp1
Exposure kp2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com