Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV12000 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # CMV12000
Description  12Mp High Speed Machine Vision Global Shutter CMOS Image Sensor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV12000 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button CMV12000 Datasheet HTML 17Page - ams-OSRAM AG CMV12000 Datasheet HTML 18Page - ams-OSRAM AG CMV12000 Datasheet HTML 19Page - ams-OSRAM AG CMV12000 Datasheet HTML 20Page - ams-OSRAM AG CMV12000 Datasheet HTML 21Page - ams-OSRAM AG CMV12000 Datasheet HTML 22Page - ams-OSRAM AG CMV12000 Datasheet HTML 23Page - ams-OSRAM AG CMV12000 Datasheet HTML 24Page - ams-OSRAM AG CMV12000 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
Document Feedback
CMV12000
Functional Description
Datasheet
• PUBLIC
DS000603
• v6-00 • 2023-Sep-22
84
│ 20
●
64 Data channels
●
1 Control channel
●
1 Clock channel
The 64 data channels are used to transfer 8-bit, 10-bit or 12-bit data words from sensor to receiver.
The output clock channel transports a DDR clock (max 300 MHz), synchronous to the data on the
other LVDS channels. This clock can be used at the receiving end to sample the data. The data on the
control channel contains status information on the validity of the data on the data channels, among
other useful sensor status information. Details on the LVDS timing and format can be found in section
7.3 of this document.
7.1.4
Sequencer
The on-chip sequencer will generate all required control signals to operate the sensor from only a few
external control signals. This sequencer can be activated and programmed through the SPI interface.
7.1.5
SPI Interface
The SPI interface is used to load the sequencer registers with data. The data in these registers is used
by the sequencer while driving and reading out the image sensor. Features like windowing,
subsampling, gain and offset are programmed using this interface. The data in the on-chip registers
can also be read back for test and debug of the surrounding system.
7.1.6
Temperature Sensor
A 16-bit digital temperature sensor is included in the image sensor and can be controlled by the SPI-
interface. The on-chip temperature can be obtained by reading out the register with address 127.
7.2
Operating the Sensor
This section explains how to connect and power the sensor, as well as basic recipes of how to
configure the sensor in a certain operation mode.
Information
All register values are in decimal notation unless otherwise specified.
7.2.1
Power Supplies
To power the sensor, five externally generated supplies are required (VDD18, VDD33, VDD_PIX and
VDD_RES).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com