Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV4000 Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # CMV4000
Description  CMV4000 Global shutter CMOS image sensor for machine vision
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV4000 Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button CMV4000 Datasheet HTML 35Page - ams-OSRAM AG CMV4000 Datasheet HTML 36Page - ams-OSRAM AG CMV4000 Datasheet HTML 37Page - ams-OSRAM AG CMV4000 Datasheet HTML 38Page - ams-OSRAM AG CMV4000 Datasheet HTML 39Page - ams-OSRAM AG CMV4000 Datasheet HTML 40Page - ams-OSRAM AG CMV4000 Datasheet HTML 41Page - ams-OSRAM AG CMV4000 Datasheet HTML 42Page - ams-OSRAM AG CMV4000 Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
CMV4000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000728
• v8-01 • 2025-Jul-10
39 / 92
/
Figure 26: 10-bit pixel data on an LVDS channel
The time ‘T1’ in Figure 26 is 1/10th of the period of the CLK_IN input clock. If a frequency of
48MHz is used for CLK_IN (max in 10-bit mode), this results in a 240 MHz OUTCLK
frequency.
Figure 27: 12-bit pixel data on an LVDS channel
The time ‘T2’ in Figure 27 is 1/12th of the period of the CLK_IN input clock. If a frequency of
40MHz is used for CLK_IN (max in 12-bit mode), this results in a 240 MHz OUTCLK
frequency.
7.3.3
Read-out timing
The read-out of image data is grouped in bursts of 128 pixels per channel. Each pixel is either
10 or 12 bits of data (see Chapter 7.3.2). One complete pixel period equals one period of the
master clock input. For details on pixel remapping and pixel vs. channel location please see
chapter 7.3.4 of this document. An overhead time exists between two bursts of 128 pixels. This
overhead time has the same length of one pixel read-out (i.e. the length of 10 or 12 bits at the
selected data rate or one master clock period). For details on how to program the sequencer
for different output modes, see chapter 7.5.1.
D8
D9
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D0
D1
D2
D3
T1
OUTCLK_P
OUTX_P
D10
D11
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D0
D1
T2
OUTCLK_P
OUTX_P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com