Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV4000 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # CMV4000
Description  CMV4000 Global shutter CMOS image sensor for machine vision
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV4000 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button CMV4000 Datasheet HTML 17Page - ams-OSRAM AG CMV4000 Datasheet HTML 18Page - ams-OSRAM AG CMV4000 Datasheet HTML 19Page - ams-OSRAM AG CMV4000 Datasheet HTML 20Page - ams-OSRAM AG CMV4000 Datasheet HTML 21Page - ams-OSRAM AG CMV4000 Datasheet HTML 22Page - ams-OSRAM AG CMV4000 Datasheet HTML 23Page - ams-OSRAM AG CMV4000 Datasheet HTML 24Page - ams-OSRAM AG CMV4000 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
CMV4000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000728
• v8-01 • 2025-Jul-10
21 / 92
/
7
Functional description
7.1
Sensor architecture
Figure 1 shows the image sensor architecture. The internal sequencer generates the
necessary signals for image acquisition. The image is stored in the pixel (global shutter) and is
then read out sequentially, row-by-row. On the pixel output, an analog gain is possible. The
pixel values then passes to a column ADC cell, in which ADC conversion is performed. The
digital signals are then read out over multiple LVDS channels. Each LVDS channel reads out
128 adjacent columns of the array. In the Y-direction, rows of interest are selected through a
row-decoder which allows a flexible windowing. Control registers are foreseen for the
programming of the sensor. These register parameters are uploaded via a four-wire SPI
interface. A temperature sensor which can be read out over the SPI interface is also included.
7.1.1
Pixel array
The pixel array consists of 2048 x 2048 square global shutter pixels with a pitch of 5.5 µm
(5.5 μm x 5.5 μm). This results in an optical area of close to 1 optical inch (16 mm). This
means that off-the shelve C-mount lenses can be used.
The pixels are designed to achieve maximum sensitivity with low noise and low PLS
specifications. Micro lenses are placed on top of the pixels for improved fill factor and quantum
efficiency (>50%).
7.1.2
Analog front end
The analog front end consists of 2 major parts, a column amplifier block and a column ADC
block.
The column amplifier prepares the pixel signal for the column ADC and applies analog gain if
desired (programmable using the SPI interface). The column ADC converts the analog pixel
value to a 10-bit or 12-bit value. A digital offset can also be applied to the output of the column
ADC’s. All gain and offset settings can be programmed using the SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com