Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV4000 Datasheet(PDF) 64 Page - ams-OSRAM AG

Part # CMV4000
Description  CMV4000 Global shutter CMOS image sensor for machine vision
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV4000 Datasheet(HTML) 64 Page - ams-OSRAM AG

Back Button CMV4000 Datasheet HTML 60Page - ams-OSRAM AG CMV4000 Datasheet HTML 61Page - ams-OSRAM AG CMV4000 Datasheet HTML 62Page - ams-OSRAM AG CMV4000 Datasheet HTML 63Page - ams-OSRAM AG CMV4000 Datasheet HTML 64Page - ams-OSRAM AG CMV4000 Datasheet HTML 65Page - ams-OSRAM AG CMV4000 Datasheet HTML 66Page - ams-OSRAM AG CMV4000 Datasheet HTML 67Page - ams-OSRAM AG CMV4000 Datasheet HTML 68Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 92 page
background image
CMV4000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000728
• v8-01 • 2025-Jul-10
64 / 92
/
7.4.6
Number of frames
When internal exposure mode is selected, the number of frames sent by the sensor after a
frame request can be programmed in the corresponding sequencer register.
Table 27: Number of frames register settings
Register name
Register address
Default value
Description of the value
Number_frames
70[7:0]
71[7:0]
1
Defines the number of frames grabbed and sent by
the image sensor in internal exposure mode (min
=1, max = 65535)
7.5
Configuring output data format
7.5.1
Output modes
The number of LVDS channels can be selected by programming the appropriate sequencer
register. The pixel remapping scheme and the read-out timing for each mode can be found in
chapter 7.3 of this document.
Table 28: Different output modes register settings
Register name
Register address
Default value
Description of the value
Output_mode
72[1:0]
0
0: 16 outputs
1: 8 outputs
2: 4 outputs
3: 2 outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com