Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV4000 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # CMV4000
Description  CMV4000 Global shutter CMOS image sensor for machine vision
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV4000 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button CMV4000 Datasheet HTML 9Page - ams-OSRAM AG CMV4000 Datasheet HTML 10Page - ams-OSRAM AG CMV4000 Datasheet HTML 11Page - ams-OSRAM AG CMV4000 Datasheet HTML 12Page - ams-OSRAM AG CMV4000 Datasheet HTML 13Page - ams-OSRAM AG CMV4000 Datasheet HTML 14Page - ams-OSRAM AG CMV4000 Datasheet HTML 15Page - ams-OSRAM AG CMV4000 Datasheet HTML 16Page - ams-OSRAM AG CMV4000 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
CMV4000
Absolute maximum ratings
Datasheet
• PUBLIC • Document Feedback
DS000728
• v8-01 • 2025-Jul-10
13 / 92
/
4
Absolute maximum ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 5: Absolute maximum ratings of CMV4000
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD20
Digital supply LVDS, ADC
2.0
2.2
V
VDD33
Analog supply ADC, PGA
3.0
3.6
V
VDDPIX
Analog pixel supply
2.3
3.6
V
Vres_h
Analog pixel reset supply
3.0
3.6
V
Continuous power dissipation (TA = 70 °C)
PT
Continuous power dissipation
4.2
W
At max. frame rate
Electrostatic Discharge
ESDHBM
Electrostatic discharge HBM
± 2
kV
JS-001-2014
Temperature ranges and storage conditions
TJ
Operating junction temperature
-30
70
°C
TSTRG
Storage temperature range
20
40
°C
RHNC
Relative humidity (non-condensing)
30
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com