Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV4000 Datasheet(PDF) 49 Page - ams-OSRAM AG

Part # CMV4000
Description  CMV4000 Global shutter CMOS image sensor for machine vision
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV4000 Datasheet(HTML) 49 Page - ams-OSRAM AG

Back Button CMV4000 Datasheet HTML 45Page - ams-OSRAM AG CMV4000 Datasheet HTML 46Page - ams-OSRAM AG CMV4000 Datasheet HTML 47Page - ams-OSRAM AG CMV4000 Datasheet HTML 48Page - ams-OSRAM AG CMV4000 Datasheet HTML 49Page - ams-OSRAM AG CMV4000 Datasheet HTML 50Page - ams-OSRAM AG CMV4000 Datasheet HTML 51Page - ams-OSRAM AG CMV4000 Datasheet HTML 52Page - ams-OSRAM AG CMV4000 Datasheet HTML 53Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
CMV4000
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000728
• v8-01 • 2025-Jul-10
49 / 92
/
7.3.6
Training data
To synchronize the receiving side with the LVDS outputs of the CMV4000, a known data
pattern can be put on the output channels. This pattern “trains” the LVDS receiver of the
surrounding system to achieve correct word alignment of the image data. This training pattern
is put on all 16 output channels when no valid image data is being sent, even in between
bursts of 128 pixels. The training pattern is a 10-bit or 12-bit word that replaces the pixel data.
The sensor has a 12-bit sequencer register (address 78-79) that can be used to change the
contents of the 12-bit training pattern.
The control channel does not send a training pattern, because it is used to send control
information at all time. Word alignment can be done on this channel when the sensor is idle
(not exposing or sending image data). In this case all bits of the control word are zero, except
for bit [9] (= 0010 0000 0000 or 512 decimal).
Figure 41 shows the location of the training pattern (TP) on the data channels when the sensor
is idle and when reading out 3 rows. The default mode of 16 outputs is selected.
Figure 41: Training pattern location in the data and control channels
Training pattern
TP
128
TP
128
TP
128
Data
channels
DVAL
LVAL
FVAL
Control
channel
0010 0000 0000
Control information
Sensor in idle mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com