Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPR1 Datasheet(PDF) 5 Page - Clarke International

Part # PAPR1
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR1 Datasheet(HTML) 5 Page - Clarke International

  PAPR1 Datasheet HTML 1Page - Clarke International PAPR1 Datasheet HTML 2Page - Clarke International PAPR1 Datasheet HTML 3Page - Clarke International PAPR1 Datasheet HTML 4Page - Clarke International PAPR1 Datasheet HTML 5Page - Clarke International PAPR1 Datasheet HTML 6Page - Clarke International PAPR1 Datasheet HTML 7Page - Clarke International PAPR1 Datasheet HTML 8Page - Clarke International PAPR1 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
6. DO NOT weld on coated metals such as galvanized, lead, or cadmium
plated steel, unless the coating is removed from the weld area, the area is
well ventilated, and while wearing an air-supplied respirator. The coatings
and any metals containing these elements can give off toxic fumes if
welded.
7. Respirator misuse can be hazardous. Welding produces fumes and gases.
Breathing these fumes and gases can be hazardous to your health.
8. Read and follow these instructions and the safety labels carefully. The
powered air purifying respirator (PAPR) helps protect the user from specific
airborne contaminants but must be used correctly to be fully effective.
Have an industrial hygienist test the air in your facility to ensure the PAPR
provides adequate protection from contaminants in your environment. If
you have questions about the respirator, see equipment warning label and
consult your Safety Director and a certified Industrial Hygienist.
9. Follow all applicable EN/ANSI/CSA/AS & NZS, and other regulatory
guidelines pertaining to the use of respirators.
10. DO NOT use the powered air purifying respirator where there is danger of
fire of explosion.
11. DO NOT use the powered air purifying respirator in windy conditions or
negative pressure inside the hood may draw in contaminants from the
outside air.
12. DO NOT use the powered air purifying respirator without a properly installed
spark guard cover.
13. Without the spark guard cover, welding sparks may ignite the filter or
damage the filters and allow unfiltered air into the helmet.
14. The powered air purifying respirator does not supply oxygen. Use the
respirator only in atmospheres for which it is EN/ANSI/CSA/AS & NZS
approved. DO NOT use the respirator where oxygen levels are 19.5% or
lower, where contaminant levels are unknown or are immediately
dangerous to life or health, or where the contaminant levels exceed the
respirator specifications.
15. DO NOT enter a hazardous area until you are sure the respirator equipment
is correctly assembled, working properly and properly worn.
16. Before each use, inspect the respirator equipment for damage and verify it
operates properly,
17. Before using the respirator, test air flow to verify it is providing an adequate
volume of air.
18. DO NOT use the powered air purifying respirator without all filter
components or with the blower turned off hazardous levels of oxygen and
carbon dioxide may accumulate in helmet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com