Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPR1 Datasheet(PDF) 20 Page - Clarke International

Part # PAPR1
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR1 Datasheet(HTML) 20 Page - Clarke International

Back Button PAPR1 Datasheet HTML 16Page - Clarke International PAPR1 Datasheet HTML 17Page - Clarke International PAPR1 Datasheet HTML 18Page - Clarke International PAPR1 Datasheet HTML 19Page - Clarke International PAPR1 Datasheet HTML 20Page - Clarke International PAPR1 Datasheet HTML 21Page - Clarke International PAPR1 Datasheet HTML 22Page - Clarke International PAPR1 Datasheet HTML 23Page - Clarke International PAPR1 Datasheet HTML 24Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CLEANING
Detach the battery pack and breathing hose from the blower. Inspect all parts
for damage and replace any damaged parts prior to storage or next use.
a. Blower: Clean the outer surfaces of PAPR assembly and battery pack with a
soft cloth dampened in a solution of water and mild, pH neutral detergent.
Do not immerse the blower or battery pack in water. DO NOT use solvents
or abrasive cleaners. DO NOT attempt to clean the interior of the blower
with compressed air or vacuum. Ensure the electrical contacts of the
blower and battery pack are dry.
b. Breathing hose: Clean the connection sites on the breathing hose with a
water and detergent solution. The breathing hose can be immersed in
water for cleaning. The inside of the hose must be completely dried prior to
use or storage. Air dry, or dry by connecting to the blower unit and use it to
force air through the hose until dry.
c. HEPA filter: Open the filter cover and inspect the HEPA filter. Replace if
excessively dirty.
STORAGE
If the blower will not be used for a long period, remove the filter and battery
and store them in a clean, dry, cool place free of solvent-based vapours.
TROUBLESHOOTING
Use the table below to help identify possible causes and corrective action for
problems you may experience.
Fault
Possible solution
Blower does not supply air to
the hood.
1. Press ON to start blower.
2. Recharge battery.
3. Verify battery is correctly connected to the
blower.
4. Remove any blockage from blower outlet
and breathing hose.
5. Ensure hose is connected correctly.
Battery pack charge last less
than expected.
1. Ensure battery pack is fully charged.
2. Replace battery.
3. Replace charger.
4. Check the air filter (HEPA and pre-filter) and
replace if necessary.
Blower cannot be turned off.
Press ON/OFF button for one second.
Battery RED level light is flashing Charge or replace battery.
Danger light is on. alarm
sounds or blower vibrates.
Check the blower air flow as in Page11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com