Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPR1 Datasheet(PDF) 2 Page - Clarke International

Part # PAPR1
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR1 Datasheet(HTML) 2 Page - Clarke International

  PAPR1 Datasheet HTML 1Page - Clarke International PAPR1 Datasheet HTML 2Page - Clarke International PAPR1 Datasheet HTML 3Page - Clarke International PAPR1 Datasheet HTML 4Page - Clarke International PAPR1 Datasheet HTML 5Page - Clarke International PAPR1 Datasheet HTML 6Page - Clarke International PAPR1 Datasheet HTML 7Page - Clarke International PAPR1 Datasheet HTML 8Page - Clarke International PAPR1 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Respirator. Before attempting to use this
product, please read this manual thoroughly and follow the instructions
carefully. In doing so you will ensure the safety of yourself and that of others
around you, and you can look forward to your purchase giving you long and
satisfactory service.
PRODUCT DESCRIPTION
This product helps protect the user from certain contaminants - the device is
equipped with a particle filter to protect the user from airborne particles (solid
and liquid aerosols). All users must read and understand these instructions and
applicable health and safety standards. If you have questions about the type
of respiratory equipment required, consult a technical expert.
DO NOT enter a hazardous area until you are sure the respirator equipment is
correctly assembled, is working properly and is properly worn.
See Section 3 for information on the auto-darkening helmet assembly.
The powered air-purifying respirator (PAPR) filters contaminated air and blows
clean air into the welding helmet hood through a flexible breathing hose. The
respirator system also generates a positive air pressure to help prevent
contaminants from entering the hood. The equipment includes the equipment
listed below:
• Helmet with auto darkening lens, hood and headgear.
• Breathing hose
• Blower assembly with filtration system (spark guard cover, foam
prefilter, HEPA filter) and battery level indicator.
• Belt assembly
• Air flow speed (Low and High) indicator
•Battery charger
The respirator operates at temperatures from -5 to 55oC and provides air flow
of 170 L/pm (low speed) to 200 L/pm (high speed) - under normal conditions.
Battery life is reduced when the unit is used in a dirty environment. If the system
air flow decreases to an unsafe level an alarm will sound, the blower vibrates,
and the Danger light will flash to warn users to immediately leave the
contaminated area. Use the air flowmeter to determine if the unit is supplying
adequate amounts of clean air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com