Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPR1 Datasheet(PDF) 13 Page - Clarke International

Part # PAPR1
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR1 Datasheet(HTML) 13 Page - Clarke International

Back Button PAPR1 Datasheet HTML 9Page - Clarke International PAPR1 Datasheet HTML 10Page - Clarke International PAPR1 Datasheet HTML 11Page - Clarke International PAPR1 Datasheet HTML 12Page - Clarke International PAPR1 Datasheet HTML 13Page - Clarke International PAPR1 Datasheet HTML 14Page - Clarke International PAPR1 Datasheet HTML 15Page - Clarke International PAPR1 Datasheet HTML 16Page - Clarke International PAPR1 Datasheet HTML 17Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SECTION 3-AUTO-DARKENING WELDING HELMET
The Solar-Powered Auto-Darkening Welding Helmet is suitable for most
welding and grinding applications. This helmet comes with a 1/30,000-second
switching time which automatically darkens the lens the moment you start
welding. No matter what shade the filter is set to, the UV/IR protection is
always present.
CAUTION:
ARC RAYS CAN INJURE EYES AND BURN SKIN
Before welding, always inspect the helmet and auto-darkening filter (ADF) to
be sure they are fitted properly and in good condition. Keep the sensors, solar
cell and filter lens clean. Clean the filter cartridge using a soapy water solution
and soft cloth. DO NOT use solvents or abrasive cleaning detergent.
DO NOT weld in the overhead position while using this helmet.
Inspect the filter lens frequently and immediately replace any scratched,
cracked or pitted filter lens or cover lenses.
ALWAYS wear protective clothing to protect your skin from radiation, burns and
welding spatter.
1
Solar Panel
5
Grind/Weld Switch
2
Arc Sensor
6
Delay Control Knob
3
UV/IR Filter
7
Shade number control knob
4.
Sensitivity Control Knob
8
CR2450 Lithium Battery (inside)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com