Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAPR1 Datasheet(PDF) 18 Page - Clarke International

Part # PAPR1
Description  POWERED AIR PURIFYING RESPIRATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PAPR1 Datasheet(HTML) 18 Page - Clarke International

Back Button PAPR1 Datasheet HTML 14Page - Clarke International PAPR1 Datasheet HTML 15Page - Clarke International PAPR1 Datasheet HTML 16Page - Clarke International PAPR1 Datasheet HTML 17Page - Clarke International PAPR1 Datasheet HTML 18Page - Clarke International PAPR1 Datasheet HTML 19Page - Clarke International PAPR1 Datasheet HTML 20Page - Clarke International PAPR1 Datasheet HTML 21Page - Clarke International PAPR1 Datasheet HTML 22Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SECTION 5-CARE & MAINTENANCE
HELMET CARE & MAINTENANCE
Damaged components must be replaced immediately to avoid risk of eye
and face injuries. Periodically inspect the filter cartridge and lenses. Cracked,
pitted or scratched lenses reduce vision and seriously reduce the level of
protection and should be replaced with genuine, certified spare parts.
The cartridge can be wiped with a household glass cleaner when dirty. Apply
the cleaner with a clean cloth or paper towel. DO NOT USE ALCOHOL TO
CLEAN. DO NOT APPLY CLEANER DIRECTLY TO THE CARTRIDGE.
Clean all lenses with a soft tissue and suitable lens cleaning fluid. Do not use
solvents. NEVER use tools or other sharp objects to remove material from the
lens or screen. This may cause damage which may cause incorrect function
and invalidate the warranty. Store the unit in it’s box or similar safe place.
FRONT COVER LENS REPLACEMENT
Replace the front cover lens if it is damaged (cracked, scratched, pitted or
dirty). Remove the old front cover lens by pressing two lock switches at the
bottom of the retaining frame and pull the frame and ADF out. Take the old
front cover lens out, and remove any protective film before installing the new
one.
INSIDE COVER LENS REPLACEMENT
Replace the inside cover lens if it is damaged (cracked, scratched, pitted or
dirty). Place your finger or thumb into the recess and flex the inside cover lens
upwards until it releases from one edge.
Remove any protective film before installing the new one.
BATTERY REPLACEMENT
When the low voltage indicator turns red, the batteries need replacing.
Removing the ADF from the retaining frame. Slide the cover plates on the top
left and right and replace the old lithium ion battery. Replace the cover plates
of the battery and install the ADF back to the frame.
CLEANING AND STORING
Keep the sensors, solar cell and filter lens clean. Clean filter cartridge and
helmet shell by using a soapy water solution and soft cloth. DO NOT use
solvents or abrasive cleaning detergent. Switch the product to Grind Mode
and put it in a clean, dry location for storage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com