Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2N Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # RZ/G2N
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2N Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button RZ/G2N Datasheet HTML 49Page - Renesas Technology Corp RZ/G2N Datasheet HTML 50Page - Renesas Technology Corp RZ/G2N Datasheet HTML 51Page - Renesas Technology Corp RZ/G2N Datasheet HTML 52Page - Renesas Technology Corp RZ/G2N Datasheet HTML 53Page - Renesas Technology Corp RZ/G2N Datasheet HTML 54Page - Renesas Technology Corp RZ/G2N Datasheet HTML 55Page - Renesas Technology Corp RZ/G2N Datasheet HTML 56Page - Renesas Technology Corp RZ/G2N Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 53 of 169
Jun 30, 2025
Table 3.4.2
Supply current for [RZ/G2E]
Item
Symbol
Power
Unit
Remarks
Min.
Typ. Max.
Supply current (Internal)
IDD
—
—
5649.1
mA
VDD = 1.08V
Supply current (3.3V I/O)
IDDQ33
—
—
92.6
mA
VDDQ33 = 3.6V
Supply current
(3.3V I/O[QSPI])
IDDQ_QSPI
—
—
21.6
mA
VDDQ_QSPI = 3.6V
Supply current
(3.3V I/O[SDHI])
IDDQ_SDn
(n = 0, 1, 3)
—
—
5.4
mA
VDDQ_SDn (n = 0, 1, 3) = 3.6V,
Highspeed mode
Supply current
(3.3V I/O[AVB0])
IDDQ25_AVB0
—
—
4.5
mA
VDDQ25_AVB0 = 3.6V,
100Mbps
Supply current
(3.3V I/O[USB2])
IDDQ33_USB2
—
—
60 (30/ch)
mA
VDDQ33_USB2 = 3.6V
Supply current
(2.5V I/O[AVB0])
IDDQ25_AVB0
—
—
24.4
mA
VDDQ25_AVB0 = 2.7V, 1Gbps
Supply current (1.8V I/O)
IDDQ18
—
—
25.2
mA
VDDQ18 = 1.9V
Supply current
(1.8V I/O[ISO])
IDDQ18_ISO
—
—
2
mA
VDDQ18_ISO = 1.9V
Supply current
(1.8V I/O[QSPI])
IDDQ_QSPI
—
—
25.7
mA
VDDQ_QSPI = 1.9V
Supply current
(1.8V I/O[SDHI])
IDDQ_SDn
(n = 0, 1, 3)
—
—
11.4
mA
VDDQ_SDn (n = 0, 1, 3) = 1.9V,
SDR104
Supply current
(1.8V I/O[SDHI])
IDDQ_SD3
—
—
67.8
mA
VDDQ_SD3 = 1.9V, HS400
Supply current
(PLL[CPG])
IDDQ18_CPGPLL0 —
—
4
mA
VDD18_CPGPLL0 = 1.9V
Supply current
(PLL[CPG])
IDDQ18_CPGPLLn
(n = 1, 3)
—
—
2
mA
VDD18_CPGPLLn (n = 1, 3) =
1.9V
Supply current
(1.8V I/O[LVDS])
IDDQ18_LVDS
—
—
100
mA
VDDQ18_LVDS = 1.9V
Supply current
(PLL[LVDS])
LVDSn_PLL_ICC
(n = 0, 1)
—
—
2
mA
VDD18_LVDSnPLL (n = 0, 1) =
1.9V
Supply current
(1.8V I/O[CSI])
IDDQ18_CSI0
—
—
13
mA
VDDQ18_CSI0 = 1.9V
Supply current
(1.8V[USB2])
IDD_AVD0+IDDQ1
8_USB20,
—
—
80,
(40/ch)
mA
AVDD_USB = VDDQ18_USB20
= 1.9V
Supply current
(1.8V I/O[USB30])
IDDQ18_USB30
—
—
13
mA
VDDQ18_USB30 = 1.9V
Supply current
(1.8V I/O[PCIE0])
IDDQ18_PCIE0
—
—
13
mA
VDDQ18_PCIE0 = 1.9V
Supply current
(PLL[MAPLL])
IDDQ_MAPLL
—
—
26.6
mA
VDDQ_MAPLL = 1.9V
Supply current
(PLL[MDPLL])
IDDQ_MDPLLn
(n = 0, 1)
—
—
26.6
mA
VDDQ_MDPLLn (n = 0, 1) =
1.9V
Supply current
(PLL[MLB])
IDDQ18_MLBPLL
—
—
4
mA
VDD18_MLBPLL = 1.9V
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com