Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2N Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RZ/G2N
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2N Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RZ/G2N Datasheet HTML 4Page - Renesas Technology Corp RZ/G2N Datasheet HTML 5Page - Renesas Technology Corp RZ/G2N Datasheet HTML 6Page - Renesas Technology Corp RZ/G2N Datasheet HTML 7Page - Renesas Technology Corp RZ/G2N Datasheet HTML 8Page - Renesas Technology Corp RZ/G2N Datasheet HTML 9Page - Renesas Technology Corp RZ/G2N Datasheet HTML 10Page - Renesas Technology Corp RZ/G2N Datasheet HTML 11Page - Renesas Technology Corp RZ/G2N Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 8 of 169
Jun 30, 2025
Item
Description
Boot
(For All Products)
• System startup with selectable boot mode at power-on reset
• Either external ROM boot (area 0) or on-chip ROM boot can be selected through MD pin
on development chip.
• In on-chip ROM boot, RPC-IF or QSPI serial ROM boot is supported.
• Program downloaded to internal memory (System RAM)
• Autorun function for the downloaded program
• About detail information of BOOT, refer to Section 24 (Boot) and Appendix B (Active
sequence).
Direct Memory Access
Controller for Audio
(Audio-DMAC)
(For All Products)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• 32 channels
• asdm0: 16 channels
• asdm1: 16 channels
RZ/G2E
• 16 channels
• asdm0: 16 channels
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• Address space: 4 GBytes on architecture
• Data transfer length: Byte, word (2 Bytes), longword (4 Bytes), 8 Bytes, 16 Bytes, 32 Bytes
and 64 Bytes
• Maximum number of transfer times: 16,777,215 times
• Transfer request:
Selectable from on-chip peripheral module request and auto request
• Bus mode:
Selectable from normal mode and slow mode
• Priority: Selectable from fixed channel priority mode and round-robin mode
• Interrupt request: Supports interrupt request to CPU at the end of data transfer
• Repeat function: Automatically resets the transfer source, destination, and count at the
end of DMA transfer (by descriptor function)
• Descriptor function (each channel) supported
• MMU (each channel) supported
• Channel bandwidth arbiter (each channel)
Audio-DMAC-
Peripheral-Peripheral
(For All Products)
• Audio-DMAC (for transfer from Peripheral to Peripheral)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• 29 channels + 29 (extended) channels for audio domain
RZ/G2E
• 29 (extended) channels for audio domain
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• Data transfer length: longword (4 Bytes)
• Transfer count: Transfer count is not specified (DMA transfer is made from the transfer-
start to transfer-stop settings.).
• Transfer request:
Selectable from on-chip audio peripheral module request
• Priority: round-robin mode
• Interrupt request: not supports interrupt request to CPU at the end of data transfer
IPMMU
(For All Products)
• An IPMMU is a memory management unit (MMU) which provides address translation and
access protection functionalities to processing units and interconnect networks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com