Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2N Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # RZ/G2N
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2N Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button RZ/G2N Datasheet HTML 95Page - Renesas Technology Corp RZ/G2N Datasheet HTML 96Page - Renesas Technology Corp RZ/G2N Datasheet HTML 97Page - Renesas Technology Corp RZ/G2N Datasheet HTML 98Page - Renesas Technology Corp RZ/G2N Datasheet HTML 99Page - Renesas Technology Corp RZ/G2N Datasheet HTML 100Page - Renesas Technology Corp RZ/G2N Datasheet HTML 101Page - Renesas Technology Corp RZ/G2N Datasheet HTML 102Page - Renesas Technology Corp RZ/G2N Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 99 of 169
Jun 30, 2025
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
condition
Figures
LVDS Output Pulse
Position 5
TPPOS5
5(TCP/7) -0.150
5TCP/7
5(TCP/7)
+0.150
ns
—
Figure
3.14.2
LVDS Output Pulse
Position 6
TPPOS6
6(TCP/7) -0.150
6TCP/7
6(TCP/7)
+0.150
ns
—
Table 3.14.2 AC Characteristics in Dual-link (1.8-V I/O [LVDS]) [RZ/G2E]
Conditions:
VDDQ18_LVDS = VDD18_LVDSnPLL (n = 0, 1) = 1.8V ± 0.1V [RZ/G2E],
GND = VSS = VSS_LVDSnPLL (n = 0, 1) = 0V [RZ/G2E],
Ta = -40 to +85°C [RZ/G2E],
Tj = -40 to +115°C [RZ/G2E]
CL = 3pF
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
condition
Figures
Input Clock Frequency of
LVDS
FCPHIN
12.0
—
150.0
MHz
—
Figure
3.14.1
Output Clock Frequency
of LVDS
FCLKP/CLKN
5.0
—
75.0
MHz
—
Figure
3.14.2,
Figure
3.14.3
Output Clock of LVDS
TCP
13.3
—
200.0
ns
—
Output Data Rate of
LVDS
FDAP/DAN
35
—
525.0
Mbps
—
LVDS Output Pulse
Position 0
TPPOS0
-0.200
0
0.200
ns
—
LVDS Output Pulse
Position 1
TPPOS1
(TCP/7)-0.200
TCP/7
(TCP/7)
+0.200
ns
—
LVDS Output Pulse
Position 2
TPPOS2
2(TCP/7)-
0.200
2TCP/7
2(TCP/7)+
0.200
ns
—
LVDS Output Pulse
Position 3
TPPOS3
3(TCP/7)-
0.200
3TCP/7
3(TCP/7)+
0.200
ns
—
LVDS Output Pulse
Position 4
TPPOS4
4(TCP/7)-
0.200
4TCP/7
4(TCP/7)+
0.200
ns
—
LVDS Output Pulse
Position 5
TPPOS5
5(TCP/7)-
0.200
5TCP/7
5(TCP/7)+
0.200
ns
—
LVDS Output Pulse
Position 6
TPPOS6
6(TCP/7)-
0.200
6TCP/7
6(TCP/7)+
0.200
ns
—
Figure 3.14.1 FCPHIN
1/FCPHIN
DU_DOTCLKIN*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com