Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2N Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # RZ/G2N
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2N Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button RZ/G2N Datasheet HTML 81Page - Renesas Technology Corp RZ/G2N Datasheet HTML 82Page - Renesas Technology Corp RZ/G2N Datasheet HTML 83Page - Renesas Technology Corp RZ/G2N Datasheet HTML 84Page - Renesas Technology Corp RZ/G2N Datasheet HTML 85Page - Renesas Technology Corp RZ/G2N Datasheet HTML 86Page - Renesas Technology Corp RZ/G2N Datasheet HTML 87Page - Renesas Technology Corp RZ/G2N Datasheet HTML 88Page - Renesas Technology Corp RZ/G2N Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 85 of 169
Jun 30, 2025
3.10 LBSC
3.10.1 Normal Read/Write, Burst ROM Read
Table 3.10.1 Normal Read/Write Access Timing [RZ/G2H/RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N, RZ/G2E]
Conditions: VDDQ33 = 3.3 ± 0.2 V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N] / ± 0.3 V [RZ/G2E],
GND = VSSQ = 0 V, Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
CL = 40 pF
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
Address output delay time
tDA
0.0
—
6.0
ns
Figure 3.10.1
CS# output delay time
tDCS
0.0
—
6.0
ns
BS# output delay time
tDBS
0.0
—
6.0
ns
RD# output delay time
tDRD
0.0
—
6.0
ns
RD/WR# output delay time
tDRW
0.0
—
6.0
ns
Read data setup time
tSD
11.0
—
—
ns
Read data hold time
tHD
0.0
—
—
ns
WE# output delay time
tDWE
0.0
—
6.0
ns
Write data output delay time
tDD
0.0
—
6.0
ns
External wait signal setup time
tSEW
11.0
—
—
ns
External wait signal hold time
tHEW
0.0
—
—
ns
Table 3.3.10.2Burst ROM Read Access Timing
Conditions: VDDQ33 = 3.3 ± 0.2 V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N] / ± 0.3 V [RZ/G2E],
GND = VSSQ = 0 V, Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +105 °C/ -40 to +85 C [RZ/G2M V3.0, RZ/G2N, RZ/G2E] ,
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E], CL = 40 pF
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
Address output delay time
tDABST
0.0
—
6.0
ns
Figure 3.10.2
CS# output delay time
tDCSBST
0.0
—
6.0
ns
RD# output delay time
tDRDBST
0.0
—
6.0
ns
Read data setup time
tSDBST
11.0
—
—
ns
Read data hold time
tHDBST
0.0
—
—
ns
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com