Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2N Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RZ/G2N
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2N Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RZ/G2N Datasheet HTML 2Page - Renesas Technology Corp RZ/G2N Datasheet HTML 3Page - Renesas Technology Corp RZ/G2N Datasheet HTML 4Page - Renesas Technology Corp RZ/G2N Datasheet HTML 5Page - Renesas Technology Corp RZ/G2N Datasheet HTML 6Page - Renesas Technology Corp RZ/G2N Datasheet HTML 7Page - Renesas Technology Corp RZ/G2N Datasheet HTML 8Page - Renesas Technology Corp RZ/G2N Datasheet HTML 9Page - Renesas Technology Corp RZ/G2N Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 6 of 169
Jun 30, 2025
Item
Description
External Bus
Controller for
LPDDR4/DDR3L
SDRAM (DBSC4)
(For All Products)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• LPDDR4-3200 can be connected directly.
Note. The LPDDR4X (JESD209-4-1) is not supported.
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0
• 2 channels (32-bit bus mode)
• Memory Size: Up to 8GB *
RZ/G2N
• 1 channel (32-bit bus mode)
• Memory Size: Up to 4GB *
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
* : LPDDR4-SDRAM compliant with JEDEC JESD209-4B. (Supports memory with sizes from 4
Gbits to 16 Gbits per channel of DBSC4.)
RZ/G2E
• DDR3L-1856 can be connected directly.
• 1 channel (32-bit bus mode)
• Memory Size: Up to 2 GB
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• Auto Refresh/Self Refresh/Partial Array Self Refresh supported
• Auto Pre-charge Mode
• DDR Back Up supported
• Cache memory for DDR-Memory access efficiency
• Memory access protection for secure/safety regions
• Decompression of visual near lossless compressed image
• ECC supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com