Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2N Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # RZ/G2N
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2N Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button RZ/G2N Datasheet HTML 107Page - Renesas Technology Corp RZ/G2N Datasheet HTML 108Page - Renesas Technology Corp RZ/G2N Datasheet HTML 109Page - Renesas Technology Corp RZ/G2N Datasheet HTML 110Page - Renesas Technology Corp RZ/G2N Datasheet HTML 111Page - Renesas Technology Corp RZ/G2N Datasheet HTML 112Page - Renesas Technology Corp RZ/G2N Datasheet HTML 113Page - Renesas Technology Corp RZ/G2N Datasheet HTML 114Page - Renesas Technology Corp RZ/G2N Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 111 of 169
Jun 30, 2025
3.18 PCIE Controller
The description in this section is compliant with the following PCIe standard: 'PCI Express® Base Specification Revision
2.1, March 4, 2009'.
Table 3.18.1 PCIE Controller Characteristics [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N, RZ/G2E]
Conditions: VDDQ18_PCIE0 = 1.8 ± 0.1 V, VDDD_PCIE0 = 1.03 ± 0.05 V [RZ/G2E], VDD33_PCIEn (n = 0, 1) = 3.3
± 0.2 V, VDD09_PCIEn (n = 0, 1) = 0.82 – 0.07 V / + 0.06 V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0,
RZ/G2N], GND = 0 V,
Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3], Ta = −40 to +85 C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = −40 to +115 C [RZ/G2M V3.0, RZ/G2N, RZ/G2E]
Test Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Differential Input Peak to Peak Voltage
(2.5 GT/s)
VRX-DIFFp-p
0.175
—
1.200
V
*1
Differential Input Peak to Peak Voltage
(5 GT/s)
VRX-DIFFp-p
0.120
—
1.200
V
*1
Differential Peak to Peak Output Voltage
(2.5 & 5 GT/s)
VTX-DIFFp-p
0.800
—
1.2
V
*2
Absolute Delta of DC Common Mode
Voltage between D+ and D-
(2.5 & 5 GT/s)
VTX-CM-DC-
LINE-DELTA
0
—
25
mV
*2
Unit Interval (2.5 GT/s)
UI
399.88
—
400.12
ps
*3
Unit Interval (5 GT/s)
UI
199.94
—
200.06
ps
*3
DC Differential TX Impedance (2.5 GT/s)
ZTX-DIFF-DC
80
—
120
Ω
—
DC Differential TX Impedance (5 GT/s)
ZTX-DIFF-DC
—
—
120
Ω
—
DC Differential Input Impedance (2.5 GT/s)
ZRX-DIFF-DC
80
—
120
Ω
—
DC Input Impedance (2.5 & 5 GT/s)
ZRX-DC
40
—
60
Ω
—
Notes: 1. RXP, RXN: DC test
2. TXP, TXN: DC test
3. Need Reference Clock (Low Voltage Swing, Differential Clocks). The nominal single-ended swing for each
clock is 0 to 0.7 V and a nominal frequency of 100 MHz ± 100 PPM.
Table 3.18.2 PCIE Controller External Clock Accuracy
Conditions:
VDD09_PCIE = 0.82 V – 0.07 V / + 0.06 V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N],
VDDQ18_PCIE = 1.8 ± 0.1 V, VDDD_PCIE = 1.03 ± 0.05 V [RZ/G2E], GND = 0 V,
Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = −40 to +85 C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = −40 to +115 C [RZ/G2M V3.0, RZ/G2N, RZ/G2E]
Test Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
External clock accuracy
(PCIE0_CLK_P, PCIE0_CLK_M)
—
—
100.000
—
MHz
Frequency accuracy:
±100 ppm or less
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com