Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2N Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # RZ/G2N
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2N Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button RZ/G2N Datasheet HTML 120Page - Renesas Technology Corp RZ/G2N Datasheet HTML 121Page - Renesas Technology Corp RZ/G2N Datasheet HTML 122Page - Renesas Technology Corp RZ/G2N Datasheet HTML 123Page - Renesas Technology Corp RZ/G2N Datasheet HTML 124Page - Renesas Technology Corp RZ/G2N Datasheet HTML 125Page - Renesas Technology Corp RZ/G2N Datasheet HTML 126Page - Renesas Technology Corp RZ/G2N Datasheet HTML 127Page - Renesas Technology Corp RZ/G2N Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 124 of 169
Jun 30, 2025
Figure 3.24.3 RPC DDR Operation Timing (QSPI Flash)
Figure 3.24.4 RPC DDR Operation Timing (HyperFlash)
65%
35%
65%
35%
tDSISR
tDSISR
QSPI1_SSL
QSPIn_MOSI_IO0
QSPIn_MISO_IO1
QSPIn_IO2
QSPIn_IO3
(Input)
Figure 3.24.5 RPC DDR Operation Timig (Input Slew rate)
QSPIn_SSL
(Output)
QSPIn_SPCLK
(Output)
QSPIn_MOSI_IO0
QSPIn_MOSI_IO1
QSPIn_IO2
QSPIn_IO3
QSPIn_MOSI_IO0
QSPIn_MOSI_IO1
QSPIn_IO2
QSPIn_IO3
Note: DATA is RPC related data pins (QSPIn_*IOm(n = 0, 1 / m = 0, 1, 2, 3)).
MSB IN
tVSD
tLEAD
tLAG
DATA
DATA
DATA
DATA
LSB IN
tVSD
tVHD
MSB
OUT
DATA
DATA
DATA
DATA
LSB
OUT
tHDDR
tSDDR
QSPIn_SSL
(Output)
QSPIn_SPCLK
(Output)
QSPIn_MOSI_IO0
QSPIn_MOSI_IO1
QSPIn_IO2
QSPIn_IO3
QSPIn_MOSI_IO0
QSPIn_MOSI_IO1
QSPIn_IO2
QSPIn_IO3
Note: DATA is RPC related data pins (QSPIn_*IOm(n = 0, 1 / m = 0, 1, 2, 3)).
MSB IN
tLEAD
tLAG
DATA
DATA
DATA
DATA
LSB IN
QSPI1_SSL
(Input)
tCDSS
tDDSS
MSB
OUT
DATA
DATA
DATA
DATA
LSB
OUT
tHDDR
tSDDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com