Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK41T56 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MK41T56
Description  512 bit 64b x8 Serial Access TIMEKEEPER SRAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK41T56 Datasheet(HTML) 1 Page - STMicroelectronics

  MK41T56 Datasheet HTML 1Page - STMicroelectronics MK41T56 Datasheet HTML 2Page - STMicroelectronics MK41T56 Datasheet HTML 3Page - STMicroelectronics MK41T56 Datasheet HTML 4Page - STMicroelectronics MK41T56 Datasheet HTML 5Page - STMicroelectronics MK41T56 Datasheet HTML 6Page - STMicroelectronics MK41T56 Datasheet HTML 7Page - STMicroelectronics MK41T56 Datasheet HTML 8Page - STMicroelectronics MK41T56 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MK41T56
MKI41T56
512 bit (64b x8) Serial Access TIMEKEEPER
® SRAM
March 1999
1/15
COUNTERS for SECONDS, MINUTES,
HOURS, DAY, DATE, MONTH and YEARS
SOFTWARE CLOCK CALIBRATION
AUTOMATIC POWER-FAIL DETECT and
SWITCH CIRCUITRY
I
2C BUS COMPATIBLE
56 BYTES of GENERAL PURPOSE RAM
ULTRA-LOW BATTERY SUPPLY CURRENT of
500nA
OPERATING TEMPERATURE:
– MK41T56: 0 to 70
°C
– MKI41T56: –40 to 85°C
AUTOMATIC LEAP YEAR COMPENSATION
DESCRIPTION
The MK41T56 TIMEKEEPER® is a low power 512
bit static CMOS RAM organized as 64 words by 8
bits. A built-in 32.768 kHz oscillator (external crystal
controlled) and the first 8 bytes of the RAM are used
for the clock/calendar function and are configured
in binary coded decimal (BCD) format. Addresses
and data are transferred serially via a two-line
bi-directional bus. The built-in address register is
incremented automatically after each write or read
data byte. The MK41T56 clock has a built-in power
sense circuit which detects power failures and
automatically switches to the battery supply during
power failures. The energy needed to sustain the
RAM and clock operations can be supplied from a
small lithium button cell.
AI02304
OSCI
VCC
MK41T56
MKI41T56
VSS
SCL
OSCO
SDA
FT/OUT
VBAT
Figure 1. Logic Diagram
OSCI
Oscillator Input
OCSO
Oscillator Output
FT/OUT
Frequency Test / Output Driver
(Open Drain)
SDA
Serial Data Address Input / Output
SCL
Serial Clock
VBAT
Battery Supply Voltage
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
8
1
PSDIP8 (N)
0.4mm Frame
8
1
SO8 (S)
150mil Width


Similar Part No. - MK41T56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK4116 ETC-MK4116 Datasheet
1Mb / 12P
16,384 X 1 BIT DYNAMIC RAM
MK4116P ETC-MK4116P Datasheet
1Mb / 12P
16,384 X 1 BIT DYNAMIC RAM
MK4116P-2 ETC-MK4116P-2 Datasheet
1Mb / 12P
16,384 X 1 BIT DYNAMIC RAM
MK4116P-3 ETC-MK4116P-3 Datasheet
1Mb / 12P
16,384 X 1 BIT DYNAMIC RAM
More results

Similar Description - MK41T56

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T00 STMICROELECTRONICS-M41T00 Datasheet
99Kb / 15P
Serial Access TIMEKEEPER
15-May-2000
M41T56 STMICROELECTRONICS-M41T56 Datasheet
254Kb / 28P
512 bit 64b x8 Serial Access TIMEKEEPER SRAM
09-Oct-2006
M41T94 STMICROELECTRONICS-M41T94 Datasheet
433Kb / 31P
512 Bit 64 bit x8 SERIAL RTC SPI SRAM
Rev. 2.0
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
Nov-1998
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
07-Feb-2000
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
256 Kbit 32Kb x8 TIMEKEEPER SRAM
29-May-2000
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
256 Kb 32K x8 TIMEKEEPER SRAM
Jan-1998
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Jul-1999
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
64 Kbit 8Kb x8 TIMEKEEPER SRAM
Oct-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com