Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FST4000 Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # FST4000
Description  DISPLACER TYPE LEVEL TRANSMITTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

FST4000 Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  FST4000 Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. FST4000 Datasheet HTML 6Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NEW GENERATION OF TORQUE TUBE
FST4000 Series
DISPLACER TYPE LEVEL TRANSMITTER
GENERAL
FST4000 is a torque tube displacement type level indicating transmit-
ter with intelligent data processing function. Through 18 years of field
proven experiences accumulated by the existing model FST-3000,
FST4000 has intensified its reliability by adding such features as SIL2
compatible functional safety, ATEX flameproof and field bus communi-
cation of FOUNDATION Fieldbus .
Varieties of materials and wide range of pressure ratings are available
to meet various applications such as high pressure and temperature
boilers as well as low temperature down to minus 196
℃ of liquefied
gases.
STANDARD SPECIFICATION
1)Detection method
:Torque tube type displacer
2)Measuring range
:Min. 0 to 300 mm, Max. 0 to 3000 mm
3)Liquid density
① Level measurement
:0.2 to 1.5 g/cm3
② Interface measurement :Density difference between 2 liq-
uids is more than 0.1 g/cm3
③ Density measurement :Min. density span is 0.2 g/cm3
Consult TOKYO KEISO Co. Ltd.
for the services not mentioned
above.
✽
Measurements ② and ③ cannot be performed accurately
unless the displacer is fully submerged in the liquid.
4)Available pressure class :ASME class 150, 300, 600, 1500
and 2500
5)Fluid temperature range :–196 to +450℃
6)Installation
:Tank top or tank side installation
7)Connection size
:External chamber type : 1-1/2 or
2 inch flange Internal chamber
type : 3 or 4 inch flange See
Fig.2 and Fig.3.
8)Ambient temperature
:–40 to +70℃ during operation
Allowable temperature is subject
to the applicable explosionproof
standards.
:–45 to +80℃ during storage
9)Ambient humidity
:0 to 95% R.H. during operation
:0 to 85%R.H. during storage
10)Available material
① Torque tube
:NCF600(standard), SUS316L,
NW0276
② Bonnet
:SCPH2, SCS13A, SCS14A,
SCS16A, NW0276
③ Chamber
:Carbon steel, SUS304, SUS316,
SUS316L, NW0276
④ Displacer
:SUS304, SUS316, SUS316L,
NW0276, MONEL, Others
⑤ Transmitter housing :ADC12
11)Local indication
:LCD display
Line 1 Function indication in 4
digits
Line 2 Data indication in 4 digits
Line 3 Bar graph in percent
12)Output, Power supply, Communication
・Output 4 to 20 mA DC, 2 wire system with HART (version 6)
Supply voltage (UB) and Max. Load (Ra)
UB
:8 to 40 V DC
Max. load (Ra)
:Ra = (UB − 8 V)/0.0248 A (Ω)
4 to 20 mA DC signal :conforms to NAMUR NE43
Operating range
:3.9 to 20.5 mA DC
Burn-out
:The output is selectable from
"less than 3.5 mA" or "more than
21.6 mA" or "remain stationary
Communication
:
HART
:Version 6 single drop or multi
drop(Ra shall be Ra ≧ 250Ω)
・FOUNDATION Fieldbus
Supply voltage
:9 to 32 V DC ✽1
Base Current
:27 mA DC or less
Input and output signals :conform to IEC 61158-2
Communication protocol :FOUNDATION Fieldbus H1
H1 Profile Class
:31PS, 32L
H1 Device class
:Link Master
Function block
:1-RB2, 1-AI, 1-TB
Device type
:0002 (Hex) (FST4000FB)
ITK version
:6.0.1
✽
1 When a safety barrier is used in intrinsically safe circuit,
the supply voltage is 9 to 24 V DC. FISCO explosionproof
9 to 17.5 V DC
13)Accuracy
:±0.5%F.S (Based on mass
conversion correction at factory
calibration)
14)Protection class
:IP66&IP67 (IEC 60529/JIS C0920)
15)Explosionproof classification
① Flameproof
:TIIS Exd IIC T6...T1
ATEX & IECEx Ex db h IIC
T6...T1Ga/Gb ✽2
KOSHA, NEPSI
② Intrinsically safe
:ATEX & IECEx Ex ia IIC
T6...T1Ga ✽2
KOSHA, NEPSI
✽
2 Refer to instruction manual
16)Cable entry
:G1/2, 1/2NPT, M20 x P1.5
The TIIS flameproof with HART
(explosionproof and communica-
tion code: 1) comes with a dedi
cated flameproof packing type
grand cable.
Cable outer diameter: φ6 to 8
(standard)
Spare gasket: φ8 to 10 type,
φ10 to 12 type
17)Painting
: Transmitter Munsell 7.5BG4/1.5
Chamber silver
No painting on stainless steel
components
18)Related standards referred:IECEx, ATEX, TIIS, EMC
19)Functional safety
:SIL2 compatible with IEC61508
20)RoHS Directive
:Complied with
21)Product mass
:Pressure rating class 150
approx. 30 kg
Pressure rating class 600 approx.
35 kg
22)Setting
:Following operation and settings
are available either remotely
through HART or locally by the
magnet key operation. Zero ad-
justment, Span adjustment,
Output simulation test, Damping
adjustment, Setting of burn-out,
Density.
TG-L2610-E00
1st edition Jun 2025 K


Similar Part No. - FST4000

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST40120 MICROSEMI-FST40120 Datasheet
147Kb / 2P
40Amp Schottky Barrier Rectifier
FST4015 MICROSEMI-FST4015 Datasheet
140Kb / 2P
40Amp Schottky ORING Rectifier
FST40150 MICROSEMI-FST40150 Datasheet
147Kb / 2P
40Amp Schottky Barrier Rectifier
FST40180 MICROSEMI-FST40180 Datasheet
145Kb / 2P
40Amp Schottky Rectifier
FST40200 MICROSEMI-FST40200 Datasheet
145Kb / 2P
40Amp Schottky Rectifier
More results

Similar Description - FST4000

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
A15-1E2P-BKQ MAGNETROL-A15-1E2P-BKQ Datasheet
666Kb / 28P
Displacer Type Liquid Level Switches
B74-1B20-BKQ MAGNETROL-B74-1B20-BKQ Datasheet
418Kb / 16P
External Cage Displacer Actuated Liquid Level Switches
E3A-JA3A-F11 MAGNETROL-E3A-JA3A-F11 Datasheet
2Mb / 60P
Liquid Level Displacer Transmitter
E3A-JA3A-H11 MAGNETROL-E3A-JA3A-H11 Datasheet
904Kb / 12P
Digital E3 Modulevel Liquid Level Displacer Transmitter
E3A-MA3A-H11 MAGNETROL-E3A-MA3A-H11 Datasheet
1Mb / 48P
Digital E3 Modulevel with HART짰 and PACTware??Communications Liquid Level Displacer Transmitter
logo
Fuji Electric
EDS7-3I FUJI-EDS7-3I Datasheet
103Kb / 4P
LIQUID LEVEL TRANSMITTER (FLOAT TYPE)
EDS7-52A FUJI-EDS7-52A Datasheet
264Kb / 6P
OPTICAL FLANGE TYPE LIQUID LEVEL TRANSMITTER
EDS7-101A FUJI-EDS7-101A Datasheet
159Kb / 6P
FC SERIES LIQUID LEVEL TRANSMITTER (FLANGE TYPE)
EDSX7-60J FUJI-EDSX7-60J Datasheet
166Kb / 12P
LEVEL TRANSMITTER
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
LEVEL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com